Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWQAS2-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VWQAS2-SIP
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWQAS2-SIP Datasheet(HTML) 1 Page - CUI INC

  VWQAS2-SIP Datasheet HTML 1Page - CUI INC VWQAS2-SIP Datasheet HTML 2Page - CUI INC VWQAS2-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 07-2007
1/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VWQAS2-SIP Series DC-DC Converter
Features
·Ultrawide (4:1) input range
·High efficiency to 82%
·Regulated
·Dual voltage output
·I/O Isolation 1500VDC
·No heatsink required
·Short circuit protection
·Remote on/off
·MTBF >1,000,000 hrs
·Temperature range: -40°C~+85°C
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Max.
Voltage
Max.
Min.
Efficiency
Style
VWQAS2-Q24-D5-SIP
24 Vdc
9.0~36.0 Vdc
40 Vdc
±5 Vdc
±200 mA
±0 mA
76%
SIP
VWQAS2-Q24-D9-SIP
24 Vdc
9.0~36.0 Vdc
40 Vdc
±9 Vdc
±111 mA
±0 mA
78%
SIP
VWQAS2-Q24-D12-SIP
24 Vdc
9.0~36.0 Vdc
40 Vdc
±12 Vdc
±83 mA
±0 mA
82%
SIP
VWQAS2-Q24-D15-SIP
24 Vdc
9.0~36.0 Vdc
40 Vdc
±15 Vdc
±67 mA
±0 mA
81%
SIP
VWQAS2-Q48-D5-SIP
48 Vdc
18.0~72.0 Vdc
80 Vdc
±5 Vdc
±200 mA
±0 mA
75%
SIP
VWQAS2-Q48-D9-SIP
48 Vdc
18.0~72.0 Vdc
80 Vdc
±9 Vdc
±111 mA
±0 mA
77%
SIP
VWQAS2-Q48-D12-SIP
48 Vdc
18.0~72.0 Vdc
80 Vdc
±12 Vdc
±83 mA
±0 mA
81%
SIP
VWQAS2-Q48-D15-SIP
48 Vdc
18.0~72.0 Vdc
80 Vdc
±15 Vdc
±67 mA
±0 mA
80%
SIP
Description
Designed to convert a wide input
voltage range into an isolated
regulated voltage, the
VWQAS2-SIP series is well suited
for providing board-mount local
supplies in a wide range of
applications, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
2W Output power
0.2
2
W
Output voltage accuracy
Refer to recommended circuit
±1
±2
%
Line Regulation
Input Voltage from low to high
±0.2
±0.75
%
Load Regulation
10% to 100% full load
±0.5
±1.5
%
Temperature drift
Refer to recommended circuit
±0.03
%/°C
Output ripple
20 Hz Bandwidth
15
300
mVp-p
Output noise
DC-20MHz Bandwidth
50
150
mVp-p
Switching frequency
100% load, nominal input
120
400
KHz
Note:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.


Similar Part No. - VWQAS2-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWQBS2-Q24-S12-SIP CUI-VWQBS2-Q24-S12-SIP Datasheet
175Kb / 3P
   DC-DC Converter
VWQBS2-Q24-S12-SIP CUI-VWQBS2-Q24-S12-SIP Datasheet
220Kb / 5P
   DC-DC CONVERTER
VWQBS2-Q24-S15-SIP CUI-VWQBS2-Q24-S15-SIP Datasheet
175Kb / 3P
   DC-DC Converter
VWQBS2-Q24-S15-SIP CUI-VWQBS2-Q24-S15-SIP Datasheet
220Kb / 5P
   DC-DC CONVERTER
VWQBS2-Q24-S3.3-SIP CUI-VWQBS2-Q24-S3.3-SIP Datasheet
175Kb / 3P
   DC-DC Converter
More results

Similar Description - VWQAS2-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com