Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWRBT2-D12-S3.3-SMT Datasheet(PDF) 3 Page - CUI INC

Part # VWRBT2-D12-S3.3-SMT
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBT2-D12-S3.3-SMT Datasheet(HTML) 3 Page - CUI INC

  VWRBT2-D12-S3.3-SMT Datasheet HTML 1Page - CUI INC VWRBT2-D12-S3.3-SMT Datasheet HTML 2Page - CUI INC VWRBT2-D12-S3.3-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
page
date
DESCRIPTION: dc-dc converter
3 of 3
05/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VWRBT2 Series
Application Notes:
- All of the VWRBT2-SMT Series have been tested
according to the following recommended testing
circuit before leaving the factory. This series should
be tested under load (Figure 1). If you want to
further decrease the input/output ripple, you can
increase capacitance properly or choose capacitors
with low ESR. However, the capacitance should not
be too high(Table 1).
- NC Terminals
Unless otherwise specified, NC terminals of all series
are used for converter's interior circuit
connection, and are not allowed connection of any
external circuit.
- Input current
Nominal input voltage range. The input
current of the power supply must be sufficient
to the startup current (Ip) of the DC/DC module
(Figure 2)
Temperature Derating Curve
- Output Load
In order to ensure the product operates
efficiently and reliably, make sure the specified range
of input voltage is not exceeded.
No parallel connection or plug and play.
2200
1000
330
150
120
3.3
5
9
12
15
Table 1
Figure 2
DC
DC
Cin
+Vin
-Vin
+Vout
-Vout
Figure 1
- Recommended circuit
It is best to test with full load and not to test without load. To
further reduce output ripple, you may increase the external
capacitor, choose a capacitor with low ESR, or add external
inductor to the circuit as shown above.
General:
Cin: 12V 100μF
24V 10μF or 22μF
Cout:100μF(typ)


Similar Part No. - VWRBT2-D12-S3.3-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRBT2-D12-S3.3-SMT CUI-VWRBT2-D12-S3.3-SMT Datasheet
217Kb / 5P
   DC-DC CONVERTER
VWRBT2-D12-S3.3-SMT CUI-VWRBT2-D12-S3.3-SMT Datasheet
212Kb / 5P
   DC-DC CONVERTER
VWRBT2-D12-S3.3-SMT CUI-VWRBT2-D12-S3.3-SMT_11 Datasheet
217Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VWRBT2-D12-S3.3-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com