Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF224 Datasheet(PDF) 4 Page - CUI INC

Part # UF224
Description  Converter Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

UF224 Datasheet(HTML) 4 Page - CUI INC

  UF224 Datasheet HTML 1Page - CUI INC UF224 Datasheet HTML 2Page - CUI INC UF224 Datasheet HTML 3Page - CUI INC UF224 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
UF224 Converter Kit
5. Input OVP
To suppress voltage transients of short durations, the kit includes a Zener diode. For converter inputs
of up to 18V, the Zener diode used has a rated breakdown voltage of 20V. For converter inputs of
up to 36V, the Zener diode has a rated voltage of 39V. For inputs up to 72V, the Zener voltage rated
is 82V. Notice, however, that these Zener diodes can only dissipate a small amount of power. It is
necessary to ensure the input voltage does not exceed the maximum rated converter input. Otherwise
the converter and the Zener diode may suffer permanent damage.
6. Input reversal
If the input voltage is reversed for any reason, the built-in protection circuits in the UF224 kit will limit
the reverse voltage to one diode drop or no more than 1V. The input fuse will open and thus remove
power from the converter. Check the wiring and make corrections as needed. The input fuse will need
to be replaced. Make sure the new fuse is of the same type and rating.
7. Output trimming (optional)
The UF224 Kit provides the space and pads for a trimming potentiometer. To adjust the output volt-
age, install a 5KΩ potentiometer, (Digikey part # 3306F-502-ND or 307UC502E-ND or equivalent).
The potentiometer is not needed if no trimming function is desired. Please note that only converters
listed in the Model Configurations table can achieve output trimming.
8. Output OCP and short-circuit
Output overload and short circuit protections are provided by the converter itself only. Please see the
converter datasheet for reference.
9. Output OVP
Output over-voltage protection is provided by the converter itself only. Refer to converter datasheet.
10. Output On/Off control
The converter output can be enabled or disabled through the On/Off pin. Refer to converter data
sheet.
11. Isolation
The input and output of the converter are electrically isolated. The isolation voltage rating is the same
as that of the converter. Refer to converter data sheet.
12. Input filtering and EMI interference
The UF224 kit has built-in components for input filtering, leading to reduced current ripple and the
associated EMI interference. The kits are designed to meet EN55022 class B conducted standards. If
the entire system powered by this converter kit needs to pass an EMI standard, it is recommended to
have entire system tested against that standard.
13. Output filtering
The UF224 kit has a small output capacitor to help reduce ripple and noise.
V-Infinity reserves the right to make changes to its products or to discontinue any product or service
without notice, and to advise customers to verify the most up-to-date product information before plac-
ing orders. V-Infinity assumes no liability or responsibility for customer's applications using V-Infinity
products other than repair or replacing (at V-I's option) V-Infinity products not meeting V-I's published
specifications. Nothing will be covered outside of standard product warranty.
All specifications typical at nominal line, full load and 25°C unless otherwise noted.


Similar Part No. - UF224

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
UF220APA MECHATRONICS-UF220APA Datasheet
393Kb / 1P
   AC IMPELLERS
UF220APA-F MECHATRONICS-UF220APA-F Datasheet
467Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF220APA12-H2C2A MECHATRONICS-UF220APA12-H2C2A Datasheet
393Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF220APA12-H2C2F ETC2-UF220APA12-H2C2F Datasheet
467Kb / 1P
   AC IMPELLERS
More results

Similar Description - UF224

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
PEK-120 GWINSTEK-PEK-120 Datasheet
841Kb / 2P
   BUCK CONVERTER DEVELOPERS KIT
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
   The media converter kit includes
logo
Recom International Pow...
RAC-DIN RECOM-RAC-DIN Datasheet
147Kb / 1P
   DIN Rail Mounting Kit for AC/DC Converter Modules
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
   KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
   Kit
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
   SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
SparkFun Electronics
ROB-13140 SPARKFUN-ROB-13140 Datasheet
105Kb / 2P
   Actobotics Kit - Channel Slider Kit
12????8
logo
STMicroelectronics
EVALPM8803-FLY STMICROELECTRONICS-EVALPM8803-FLY Datasheet
263Kb / 5P
   EVALPM8803-FLY: IEEE802.3at compliant demonstration kit with synchronous flyback PoE converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com