Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB52F2E10V-20.000M Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB52F2E10V-20.000M
Description  SPECIFICATION CONTROL DRAWING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB52F2E10V-20.000M Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB52F2E10V-20.000M Datasheet HTML 1Page - Ecliptek Corporation EB52F2E10V-20.000M Datasheet HTML 2Page - Ecliptek Corporation EB52F2E10V-20.000M Datasheet HTML 3Page - Ecliptek Corporation EB52F2E10V-20.000M Datasheet HTML 4Page - Ecliptek Corporation EB52F2E10V-20.000M Datasheet HTML 5Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
May 10, 2004
TO:
Affected Customers
FROM:
Mark Stoner
RE:
Product Termination
To all concerned parties,
This bulletin is to notify all customers of the termination of the following Ecliptek series
effective May 10
th, 2004:
Series
Description
Recommended Replacement
EB51F2
5V 14 Pin DIP TCXO, HCMOS
None
ES51F2
5V 14 Pin DIP TCXO, Sinewave
None
EB52F2
3.3V 14 Pin DIP TCXO, HCMOS
None
ES52F2
3.3V 14 Pin DIP TCXO, Sinewave
None
Because of the circumstances surrounding this termination, there will be no end-of-life
policy exercised. The series will be terminated with no purchasing or lifetime buy
window available. We will however have a recommended alternative product for these
series within the next ninety (90) days.
All of us at Ecliptek Corporation apologize for any inconvenience this may have caused
and can assure you we are taking measures to insure this will not happen again in the
future. If there are any questions pertaining to this bulletin, please feel free to contact
me. Thank you for your cooperation.
Best Regards,
Mark W. Stoner
Director of Marketing
Ecliptek Corporation


Similar Part No. - EB52F2E10V-20.000M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EB52F3 ECLIPTEK-EB52F3 Datasheet
164Kb / 2P
   OSCILLATOR
EB52F3A15N-12.800M ECLIPTEK-EB52F3A15N-12.800M Datasheet
164Kb / 2P
   OSCILLATOR
EB52F3A15N-12800M ECLIPTEK-EB52F3A15N-12800M Datasheet
164Kb / 2P
   OSCILLATOR
EB52F3A15V-12.800M ECLIPTEK-EB52F3A15V-12.800M Datasheet
164Kb / 2P
   OSCILLATOR
EB52F3A15V-12800M ECLIPTEK-EB52F3A15V-12800M Datasheet
164Kb / 2P
   OSCILLATOR
More results

Similar Description - EB52F2E10V-20.000M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
   Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
   Specification Control Drawing
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
   Specification Control Drawing
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
   Specification Control Drawing
logo
List of Unclassifed Man...
SLT-3X ETC-SLT-3X Datasheet
36Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
   specification control drawing
logo
Tyco Electronics
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
   Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R-100 MACOM-S03-05-R-100 Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com