Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YS243DS-12 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # YS243DS-12
Description  HYBRID IC FOR ON-BOARD POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

YS243DS-12 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  YS243DS-12 Datasheet HTML 1Page - Isahaya Electronics Corporation YS243DS-12 Datasheet HTML 2Page - Isahaya Electronics Corporation YS243DS-12 Datasheet HTML 3Page - Isahaya Electronics Corporation YS243DS-12 Datasheet HTML 4Page - Isahaya Electronics Corporation YS243DS-12 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HYBRID IC
YS243DS-12
HYBRID IC FOR ON-BOARD POWER SUPLY
2
PRELIMINARY
Notice: This is not a final specification
Some parametric limits are subject to change
MAXIMUM RATINGS
(unless otherwise noted, Ta=25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VIN
Input voltage
Between: pins 2 and 1
36
V
IO
Output current
Between pins 4 and 3
250
mA
PO
Output power
3
W
Topr
Operating temperature
No condensation (*1)
-10 ~ +70
°C
Tstg
Storage temperature
No condensation
-20 ~ +85
°C
Viso
Input-output isolation
voltage
DC, 1min
500
V
(*1) Please refer to derating curve.
ELECTRICAL CHARACTERISTICS
(unless otherwise noted, VIN=24V, Ta=25°C)
Limits
Symbol
Parameter
Test conditions
MIN.
TYP.
MAX.
Unit
VIN
Input voltage
Recommended range
18.0
24.0
36.0
V
VO
Output voltage
IO=0 ~ 250mA
11.4
12.0
12.6
V
Reg-I
Input regulation
IO=250mA, VIN=18 ~ 36V
48
mV
Reg-L
Load regulation
IO=0 ~ 250mA
100
mV
VP-P
Ripple voltage
IO=250mA
120
mV
η
Efficiency
IO=250mA
75
%
TEST CIRCUIT DIAGRAM
1
2
3
4
V
YS243DS-12
+VIN
-VIN
VIN
+VOUT
-VOUT
IO
VO


Similar Part No. - YS243DS-12

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results

Similar Description - YS243DS-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS053DD-15 ISAHAYA-YS053DD-15 Datasheet
97Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS123DD-12 ISAHAYA-YS123DD-12 Datasheet
104Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS246DD-15 ISAHAYA-YS246DD-15 Datasheet
104Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS056DS-15 ISAHAYA-YS056DS-15 Datasheet
116Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS051DS-15C ISAHAYA-YS051DS-15C Datasheet
115Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com