Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7809-1000 Datasheet(PDF) 1 Page - CUI INC

Part # V7809-1000
Description  DC switching regulator, non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7809-1000 Datasheet(HTML) 1 Page - CUI INC

  V7809-1000 Datasheet HTML 1Page - CUI INC V7809-1000 Datasheet HTML 2Page - CUI INC V7809-1000 Datasheet HTML 3Page - CUI INC V7809-1000 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC switching regulator, non-isolated
1 of 4
04/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: V78XX-1000 series
features
·efficiency up to 95%
·no need for heatsinks
·wide input range
·short circuit protection
·thermal shutdown
·low ripple and noise
·pin compatible to LM78XX
series
·non-isolated
model
input voltage
output
output
efficiency
number
range
voltage
current
Vin_min
Vin_max
V7803-1000
4.75~28 Vdc
3.3 Vdc
1000 mA
90%
83%
V7805-1000
6.5~32 Vdc
5 Vdc
1000 mA
93%
88%
V7806-1000
8~32 Vdc
6.5 Vdc
1000 mA
94%
90%
V7809-1000
11~32 Vdc
9 Vdc
1000 mA
95%
92%
V7812-1000
15~32 Vdc
12 Vdc
1000 mA
95%
94%
OUTPUT SPECIFICATIONS
item
conditions
min.
typ.
max.
unit
output voltage accuracy
at 100% load
±2
±3
%
line regulation
Vin = min. to max. at full load
±0.2
±0.4
%
load regulation
10% to 100% full load
±0.4
±0.6
%
output ripple
20 MHz bandwidth, output w/ 10μF cap
20
35
mVp-p
short circuit protection
continuous, auto recovery upon removal of short
short circuit input power
load impedance is
≤ 0.1Ω
0.5
1.2
W
output current limit
subject to over-temp shutdown
2000
mA
switching frequency
fixed switching frequency topology
280
330
450
KHz
dynamic load stability
100%<->10% load
±100
mV
quiescent current
Vin_min to Vin_max at no load
5
7
mA
thermal shutdown
internal IC junction
150
°C
temperature coefficient
-40°C ~ 85°C ambient
0.02
%/°C
max load capacitance
2000
μF
GENERAL SPECIFICATIONS
item
conditions
min.
typ.
max.
unit
operating temperature range
see derating curve
-40
85
°C
operating case temperature
-40
100
°C
storage temperature range
-55
125
°C
cooling
free air convection
solderability
1.5 mm from case for 10 seconds
300
°C
storage humidity range
relative humidity, non-condensing
10
95
%
case material
plastic (UL94-V0)
case thermal impedance
50
°C/W
MTBF
at 25°C per MIL-HDBK-217F
2,000,000
hours
package weight
3.7
grams
description
The V78XX series of switching regulators are
designed to replace 78XX linear regulators,
with the objective of drop-in replacement
without the need for a heatsink, because the
V78XX series features high efficiency under
all line conditions. Built-in short-circuit and
over-temperature protections ensure very
rugged operations. Additionally, low ripple
and noise performance make the parts useful
in a wide range of applications.


Similar Part No. - V7809-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7809-1000 CUI-V7809-1000 Datasheet
667Kb / 5P
   DC switching regulator, non-isolated
V7809-1000 CUI-V7809-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V7809-1000 CUI-V7809-1000 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V7809-1000R CUI-V7809-1000R Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - V7809-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1500 CUI-V7802-1500 Datasheet
760Kb / 5P
   DC SWITCHING REGULATOR, NON-ISOLATED
V78XX-500-SMT CUI-V78XX-500-SMT Datasheet
499Kb / 5P
   DC switching regulator, non-isolated
V78E-500-SMT CUI-V78E-500-SMT Datasheet
1Mb / 10P
   NON-ISOLATED DC SWITCHING REGULATOR
VXO78-500-M CUI-VXO78-500-M Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/17/2021
V78E-1000-SMT CUI-V78E-1000-SMT_V01 Datasheet
4Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
06/09/2021
VXO78-500 CUI-VXO78-500_V01 Datasheet
3Mb / 7P
   NON-ISOLATED DC SWITCHING REGULATOR
09/14/2021
VX78-1000R CUI-VX78-1000R Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/21/2021
VX78-1000 CUI-VX78-1000 Datasheet
933Kb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78XX-500 CUI-V78XX-500 Datasheet
410Kb / 6P
   DC switching regulator, non-isolated
P78E-1000 CUI-P78E-1000 Datasheet
1Mb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78E-500-SMT CUI-V78E-500-SMT_V01 Datasheet
3Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
03/02/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com