Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YS053DD-15 Datasheet(PDF) 4 Page - Isahaya Electronics Corporation

Part # YS053DD-15
Description  HYBRID IC FOR ON-BOARD POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

YS053DD-15 Datasheet(HTML) 4 Page - Isahaya Electronics Corporation

  YS053DD-15 Datasheet HTML 1Page - Isahaya Electronics Corporation YS053DD-15 Datasheet HTML 2Page - Isahaya Electronics Corporation YS053DD-15 Datasheet HTML 3Page - Isahaya Electronics Corporation YS053DD-15 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HYBRID IC
YS053DD-15
HYBRID IC FOR ON-BOARD POWER SUPLY
4
PRELIMINARY
Notice: This is not a final specification
Some parametric limits are subject to change
Marketing division, Marketing plannning department
6-41 Tsukuba, Isahaya, Nagasaki, 854-0065 Japan
Nov.2002
Keep safety first in your circuit designs!
・ISAHAYA Electronics Corporation puts the maximum effort into making semiconductor products better and more reliable,
but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal
injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with
appropreate measures such as (1)placement of substitutive, auxiliary circuits, (2)use of non-flammable material or
(3)prevention against any malfunction or mishap.
Notes regarding these materials
・These materials are intended as a reference to our customers in the selection of the ISAHAYA products best suited to the
customer's application; they don't convey any license under any intellectual property rights, or any other rights, belonging
to ISAHAYA Electronics Corporation or a third party.
・ISAHAYA Electronics Corporation assumes no responsibility for any damage, or infringement of any third party's rights,
originating in the use of any product data, diagrams, charts or circuit application examples contained in these materials.
・All information contained in these materials, including product data, diagrams and charts, represent information on products
at the time of publication of these materials, and are subject to change by ISAHAYA Electronics Coporation without notice
due to product improvements or other reasons. It is therefore recommended that customers contact ISAHAYA Electronics
Corporation or an authorized ISAHAYA products distributor for the latest product infomation before purchasing a product
listed herein.
・ISAHAYA Electronics Corporation products are not designed or manufactured for use in a device or system that is used
under circumstances in which human life is potentially at stake. Please contact ISAHAYA Electronics Corporation or an
authorized ISAHAYA products distributor when considering the use of a product contained herein for any specific perposes,
such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use.
・The prior written approval of ISAHAYA Electronics Corporation is necessary to reprint or reproduce in whole or in part these
materials.
・If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a
license from the Japanese government and cannot be imported into a country other than the approved destination.
Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is
prohibited.
・Please contact ISAHAYA Electronics Corporation or an authorized ISAHAYA products distributor for further details on these
materials or the products contained therein.


Similar Part No. - YS053DD-15

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
YS051DD-12 ISAHAYA-YS051DD-12 Datasheet
97Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS051DS-05B ISAHAYA-YS051DS-05B Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS051DS-15C ISAHAYA-YS051DS-15C Datasheet
115Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS056DS-15 ISAHAYA-YS056DS-15 Datasheet
116Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Bel Fuse Inc.
YS05S10 BEL-YS05S10 Datasheet
713Kb / 20P
   Delivers up to 10 A (36 W)
More results

Similar Description - YS053DD-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS123DD-12 ISAHAYA-YS123DD-12 Datasheet
104Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS246DD-15 ISAHAYA-YS246DD-15 Datasheet
104Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-12 ISAHAYA-YS243DS-12 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS056DS-15 ISAHAYA-YS056DS-15 Datasheet
116Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS051DS-15C ISAHAYA-YS051DS-15C Datasheet
115Kb / 4P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com