Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAS1R5 Datasheet(PDF) 2 Page - CUI INC

Part # VAS1R5
Description  DC-DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAS1R5 Datasheet(HTML) 2 Page - CUI INC

  VAS1R5 Datasheet HTML 1Page - CUI INC VAS1R5 Datasheet HTML 2Page - CUI INC VAS1R5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: DC-DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAS1R5 series
INPUT
input voltage range
±10%
input filter
Pi type
OUTPUT
voltage accuracy
±4.0% max.
temperature coefficient
±0.02% / °C max.
ripple and noise, 20MHz BW
50mV p-p max.
short circuit protection
momentary
line regulation
±0.3%
load regulation
±0.5%
GENERAL SPECIFICATIONS
efficiency
50%
isolation capacitance
30pF
switching frequency
20kHz min.
isolation resistance
109Ohms
operating temperature range
-25°C to +71°C
storage temperature
-40°C to +100°C
case temp.(plastic case)
95°Cmax.
(copper case)
100°Cmax.
cooling
free air convection
dimensions
1.25x0.8x0.4 inches
(31.8x20.3x10.2mm)
ISOLATION VOLTAGE
500 VDC min
standard models
3K VDC min
suffix “H” models
CASE MATERIAL
standard models
non-conductive black plastic
suffix “M” models
black coated copper with
non-conductive base


Similar Part No. - VAS1R5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VAS1861 CPI-VAS1861 Datasheet
105Kb / 1P
   Digital Attenuator
More results

Similar Description - VAS1R5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com