Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD-120A Datasheet(PDF) 1 Page - CUI INC

Part # VD-120A
Description  dual output switching power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VD-120A Datasheet(HTML) 1 Page - CUI INC

  VD-120A Datasheet HTML 1Page - CUI INC VD-120A Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
page
date
DESCRIPTION: dual output switching power supply
1 of 2
05/2008
PART NUMBER: VD-120A
CH1
CH2
DC output voltage
5V
12V
Output V. tolerance
±2%
±6%
Output rated current
12A
5A
Output current range
2-12A
0.5-5A
Ripple & noise
60mVp-p
120mVp-p
Line regulation
±0.5%
±1.0%
Load regulation
±0.5%
±5.0%
DC output power
120W
Efficiency
78%
DC voltage adj.
CH1:+10,-5%
Input voltage range
88~132VAC/176~264VAC selected by switch,
47~63Hz; or 248~370VDC
AC current
2.5A/115V 1.25A/230V
Inrush current
cold start 35A
Leakage current
<3.5mA/240VAC
Overload protection
105%~135%
shutoff
AC recycle to restart
Over voltage protection
CH1:5.75V~6.75V
Temperature coefficient
±0.03% / ºC (0~50ºC) ON +5V output
Set up, rise, hold up time
200ms, 50ms, 20ms
Vibration
10~500Hz, 2G 10 min./1 cycle, period of 60 min. each axes
Withstand voltage
I/P-O/P: 3KVAC, I/P-FG: 1.5KVAC, O/P-FG: 0.5KVAC, for 1 min.
Isolation resistance
I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms min.
Working temp., humidity
-10°C~+60% (refer to output derating curve), 20%-90% RH
Storage temp., humidity
-20°C~+85°C, 10%-95% RH
Dimensions
7.83x4.33x1.97inches (199x110x50mm)
Weight
1.94lbs. (0.88Kgs)
Safety standards
UL1950, TUV EN60950
EMC standards
CISPR22 (EN55022) CLASS B, IEC801-2,3,4, IEC555-2 verification
Notes:
1. All parameters are specified at 230VAC input, rated load, 25°C 70% ambient
2. Tolerance includes set up tolerance, line regulation, load regulation
3. Ripple & noise are measured at 20MHz by using a 12” twisted pair terminated with a 0.1uF & 47 uF capacitor
4. Line regulation is measured from low line to high line at rated load
5. Load regulation is measured from 0% to 100% rated load
6. Each output provides up to maximum current, but total load can not exceed max. output power
7. C2, C3, C11 must be removed
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise cus-
tomers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for cus-
tomer ’s applications using V-Infinity products other than repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s pub-
lished specifications. Nothing will be covered outside of standard product warranty.
Features
·Low cost, high reliability
·105°C output capacitor
·Universal AC input range
·High efficiency, low temperature rise
·Soft-start circuit, limiting AC surge current
·Short circuit, overload, over-voltage protected
·Compact size, light weight
·100% full load burn-in test
·Built-in EMI filter, low ripple noise


Similar Part No. - VD-120A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
More results

Similar Description - VD-120A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
   Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
   35W Dual Output Switching Power Supply
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35 Datasheet
373Kb / 2P
   35W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com