Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72511R9T3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72511R9T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72511R9T3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72511R9T3 Datasheet HTML 5Page - STMicroelectronics ST72511R9T3 Datasheet HTML 6Page - STMicroelectronics ST72511R9T3 Datasheet HTML 7Page - STMicroelectronics ST72511R9T3 Datasheet HTML 8Page - STMicroelectronics ST72511R9T3 Datasheet HTML 9Page - STMicroelectronics ST72511R9T3 Datasheet HTML 10Page - STMicroelectronics ST72511R9T3 Datasheet HTML 11Page - STMicroelectronics ST72511R9T3 Datasheet HTML 12Page - STMicroelectronics ST72511R9T3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
9/164
24
VSS_3
S
Digital Ground Voltage
25
PF0/MCO
I/O
CT
X
ei1
X
X
Port F0
Main clock output (fOSC/2)
26
PF1/BEEP
I/O
CT
X
ei1
X
X
Port F1
Beep signal output
27
PF2
I/O
CT
X
ei1
X
X
Port F2
28
PF3/OCMP2_A
I/O
CT
X
X
X
X
Port F3
Timer A Output Compare 2
29
PF4/OCMP1_A
I/O
CT
X
X
X
X
Port F4
Timer A Output Compare 1
30
PF5/ICAP2_A
I/O
CT
X
X
X
X
Port F5
Timer A Input Capture 2
31
PF6 (HS)/ICAP1_A
I/O CT HS X
X
X
X
Port F6
Timer A Input Capture 1
32
PF7 (HS)/EXTCLK_A I/O CT HS X
X
X
X
Port F7
Timer A External Clock Source
33
VDD_0
S
Digital Main Supply Voltage
34
VSS_0
S
Digital Ground Voltage
35
PC0/OCMP2_B
I/O
CT
X
X
X
X
Port C0
Timer B Output Compare 2
36
PC1/OCMP1_B
I/O
CT
X
X
X
X
Port C1
Timer B Output Compare 1
37
PC2 (HS)/ICAP2_B
I/O CT HS X
X
X
X
Port C2
Timer B Input Capture 2
38
PC3 (HS)/ICAP1_B
I/O CT HS X
X
X
X
Port C3
Timer B Input Capture 1
39
PC4/MISO
I/O
CT
X
X
X
X
Port C4
SPI Master In / Slave Out Data
40
PC5/MOSI
I/O
CT
X
X
X
X
Port C5
SPI Master Out / Slave In Data
41
PC6/SCK
I/O
CT
X
X
X
X
Port C6
SPI Serial Clock
42
PC7/SS
I/O
CT
X
X
X
X
Port C7
SPI Slave Select (active low)
43
PA0
I/O
CT
X
ei0
X
X
Port A0
44
PA1
I/O
CT
X
ei0
X
X
Port A1
45
PA2
I/O
CT
X
ei0
X
X
Port A2
46
PA3
I/O
CT
X
ei0
X
X
Port A3
47
VDD_1
S
Digital Main Supply Voltage
48
VSS_1
S
Digital Ground Voltage
49
PA4 (HS)
I/O CT HS X
X
X
X
Port A4
50
PA5 (HS)
I/O CT HS X
X
X
X
Port A5
51
PA6 (HS)
I/O CT HS X
T
Port A6
52
PA7 (HS)
I/O CT HS X
T
Port A7
53
VPP
I
Must be tied low in user mode. In programming
mode when available, this pin acts as the pro-
gramming voltage input VPP .
54
RESET
I/O
C
X
X
Top priority non maskable interrupt (active low)
55
NC
Not Connected
56
NMI
I
CT
X
Non maskable interrupt input pin
57
VSS_3
S
Digital Ground Voltage
58
OSC2 3)
I/O
External clock mode input pull-up or crystal/ce-
ramic resonator oscillator inverter output
59
OSC1 3)
I
External clock input or crystal/ceramic resona-
tor oscillator inverter input
60
VDD_3
S
Digital Main Supply Voltage
Pin n
°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Inpu t
Outp ut


Similar Part No. - ST72511R9T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST7250A6 STMICROELECTRONICS-ST7250A6 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST7250B4 STMICROELECTRONICS-ST7250B4 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST725216 STMICROELECTRONICS-ST725216 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
More results

Similar Description - ST72511R9T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
   8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I짼C, CAN INTERFACES
June 2003 Rev. 2.7
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com