Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDN1-S5-DI15-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VDN1-S5-DI15-DIP
Description  Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDN1-S5-DI15-DIP Datasheet(HTML) 1 Page - CUI INC

  VDN1-S5-DI15-DIP Datasheet HTML 1Page - CUI INC VDN1-S5-DI15-DIP Datasheet HTML 2Page - CUI INC VDN1-S5-DI15-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VDN1-DIP Series Dc-Dc Converter
Rev. 11-2005
1/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·Isolated 1 W output
·Temperature range: -40°C~+85°C
·Unregulated
·High efficiency to 80%
·Dual independent voltage output
·Small footprint
·DIP package style
·Industry standard pinout
·UL94-V0 package
·No heatsink required
·1K Vdc isolation
·Power density 0.85 W/cm³
·No external component required
·Low cost
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
VDN1-S5-DI5-DIP
5 Vdc
4.5~5.5 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
72%
DIP
VDN1-S5-DI9-DIP
5 Vdc
4.5~5.5 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
75%
DIP
VDN1-S5-DI12-DIP
5 Vdc
4.5~5.5 Vdc
12, 12 Vdc
42, 42 mA
5, 5 mA
78%
DIP
VDN1-S5-DI15-DIP
5 Vdc
4.5~5.5 Vdc
15, 15 Vdc
33, 33 mA
4, 4 mA
79%
DIP
VDN1-S12-DI5-DIP
12 Vdc
10.8~13.2 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
74%
DIP
VDN1-S12-DI9-DIP
12 Vdc
10.8~13.2 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
76%
DIP
VDN1-S12-DI12-DIP
12 Vdc
10.8~13.2 Vdc
12, 12 Vdc
42, 42 mA
5, 5 mA
79%
DIP
VDN1-S12-DI15-DIP
12 Vdc
10.8~13.2 Vdc
15, 15 Vdc
33, 33 mA
4, 4 mA
80%
DIP
VDN1-S15-DI5-DIP
15 Vdc
13.5~16.5 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
74%
DIP
VDN1-S15-DI9-DIP
15 Vdc
13.5~16.5 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
75%
DIP
VDN1-S15-DI12-DIP
15 Vdc
13.5~16.5 Vdc
12, 12 Vdc
42, 42 mA
5, 5 mA
79%
DIP
VDN1-S15-DI15-DIP
15 Vdc
13.5~16.5 Vdc
15, 15 Vdc
33, 33 mA
4, 4 mA
79%
DIP
VDN1-S24-DI5-DIP
24 Vdc
21.6~26.4 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
74%
DIP
VDN1-S24-DI9-DIP
24 Vdc
21.6~26.4 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
76%
DIP
VDN1-S24-DI12-DIP
24 Vdc
21.6~26.4 Vdc
12, 12 Vdc
42, 42 mA
5, 5 mA
80%
DIP
VDN1-S24-DI15-DIP
24 Vdc
21.6~26.4 Vdc
15, 15 Vdc
33, 33 mA
4, 4 mA
81%
DIP
Description
Designed to convert fixed volt-
ages into an isolated voltage, the
VDN1-DIP series is well suited for
providing board-mount local sup-
plies in a wide range of applica-
tions, including mixed analog/digi-
tal circuits, test & measurement
equip., process/machine controls,
datacom/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line Regulation
For Vin change of 1%
1.2
%
Load Regulation
10% to 100% full load
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
@ 100% load
0.03
%/°C
Output ripple
20 MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
KHz
Note:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.


Similar Part No. - VDN1-S5-DI15-DIP

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VDN60-1500 POWER-SYSTEMS-VDN60-1500 Datasheet
311Kb / 2P
   DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-1600 POWER-SYSTEMS-VDN60-1600 Datasheet
311Kb / 2P
   DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-1800 POWER-SYSTEMS-VDN60-1800 Datasheet
311Kb / 2P
   DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-1900 POWER-SYSTEMS-VDN60-1900 Datasheet
311Kb / 2P
   DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-2000 POWER-SYSTEMS-VDN60-2000 Datasheet
311Kb / 2P
   DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
More results

Similar Description - VDN1-S5-DI15-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com