Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEFT1-S12-D5-SMT Datasheet(PDF) 3 Page - CUI INC

Part # VEFT1-S12-D5-SMT
Description  Dual Output Series Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VEFT1-S12-D5-SMT Datasheet(HTML) 3 Page - CUI INC

  VEFT1-S12-D5-SMT Datasheet HTML 1Page - CUI INC VEFT1-S12-D5-SMT Datasheet HTML 2Page - CUI INC VEFT1-S12-D5-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VEFT1-SMT Dual Output Series Dc-Dc Converter
Rev. 11-2005
3 / 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Application Notes:
- Input filtering
To reduce the reflected ripple current and minimize
EMI, especially when the converter input is more
than 2” away from the DC source, it is recommended
to connect a low ESR electrolytic capacitor between
Vin and Gnd. The values suggested are as shown in
Table 1. If additional filtering is required, the
capacitance may be increased, or expanded to an LC
network as shown in Figure 1.
Input Voltage
External Input Capacitance
4.7 µF
5 V
12 V
2.2 µF
15 V
2.2 µF
24 V
1.0 µF
Table 1
- Output filtering
An output capacitor is needed to meet output ripple
requirements as shown in Table 2.
Output capacitance may be increased for additional
filtering, but should not exeed 10µF or expanded to
an LC network as in Figure 1.
Vout
External Ouput Capacitance
10 µF
5 V
9 V
4.7 µF
12 V
2.2 µF
15 V
1 µF
24 V
0.47 µF
Table 2
<Figure 1>
+Vin
-Vin
+Vout
COM
DC
C
L
L
DC
L
C
C
-Vout
+Vin
-Vin
+Vin
-Vin
REG
+Vout
-Vout
COM
+Vout
DC
DC
DC
DC
REG
REG
COM
-Vout
REG
DC DC
DC DC
REG
REG
- Minimum loading
The converter needs a minimum of 10% loading to
maintain output regulation. Operation under no-load
conditions will not cause immediate damages but
may reduce reliability, and cause performance not to
meet specifications.
- Regulation
With a semi-regulated design, the converter’s output
voltage varies with load current and will change
proportionally to the input voltage. If regulated
output is needed, an external regulator can be used
as shown in Figure 2.
- Protection
The converter has minimal protection against input
over-voltage or output over-load, and may be
permanently damaged if exposed to these conditions.
An input clamping device can be used for input
voltage limiting. An input fuse or an output fuse
can also be used to protect against over-loading.
- Dual outputs used as a single output
The +Vout and -Vout can be used to obtain a single
output that is the sum of the two outputs. In this
case, the COM pin shouldn’t be used.
- External Regulator
An external 3-terminal regulator can be connected
to the output of the converter to achieve full
regulation. Make sure the converter’s output voltage
provides sufficient head room for the regulator. An
additional benefit is that the built-in protection
features in the regulator, such as OCP, OTP, etc, will
protect the converter also. In a complimentory
supply, a negative output regulator must be used to
achieve the negative regulated output.


Similar Part No. - VEFT1-S12-D5-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VEFT1-S12-D12-SMT CUI-VEFT1-S12-D12-SMT Datasheet
530Kb / 5P
   DC-DC CONVERTER
VEFT1-S12-D15-SMT CUI-VEFT1-S12-D15-SMT Datasheet
530Kb / 5P
   DC-DC CONVERTER
VEFT1-S12-D9-SMT CUI-VEFT1-S12-D9-SMT Datasheet
530Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VEFT1-S12-D5-SMT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
VRA2405LD-30WR2 MORNSUN-VRA2405LD-30WR2 Datasheet
1Mb / 7P
   DUAL OUTPUT DC-DC CONVERTER
IA0505S-1W MORNSUN-IA0505S-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
logo
STMicroelectronics
GS2T48-D12 STMICROELECTRONICS-GS2T48-D12 Datasheet
30Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D12 STMICROELECTRONICS-GS2T5-D12 Datasheet
32Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D5 STMICROELECTRONICS-GS2T5-D5 Datasheet
114Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com