Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM740FP16CW-70LL Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM740FP16CW-70LL
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM740FP16CW-70LL Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM740FP16CW-70LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM740FP16CW-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EM611FV16 Series
Low Power, 64Kx16 SRAM
5
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Parameter
Symbol
55ns
70ns
Unit
Min
Max
Min
Max
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
Chip select to output
tCO
-
55
-
70
ns
Output enable to valid output
tOE
-
25
-
35
ns
UB, LB acess time
tBA
55
70
ns
Chip select to low-Z output
tLZ
10
-
10
-
ns
UB, LB enable to low-Z output
tBLZ
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
20
0
25
ns
UB, LB disable to high-Z output
tBHZ
0
20
0
25
ns
Output disable to high-Z output
tOHZ
0
20
0
25
ns
Output hold from address change
tOH
10
-
10
-
ns
Parameter
Symbol
55ns
70ns
Unit
Min
Max
Min
Max
Write cycle time
tWC
55
-
70
-
ns
Chip select to end of write
tCW
45
-
60
-
ns
Address setup time
tAs
0
-
0
-
ns
Address valid to end of write
tAW
45
-
60
-
ns
UB, LB valid to end of write
tBW
45
-
60
-
ns
Write pulse width
tWP
40
-
50
-
ns
Write recovery time
tWR
0
-
0
-
ns
Write to ouput high-Z
tWHZ
0
20
0
20
ns
Data to write time overlap
tDW
25
30
ns
Data hold from write time
tDH
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
ns
READ CYCLE (Vcc =2.7 to 3.6V, Gnd = 0V, TA = -40
oC to +85oC)
WRITE CYCLE (Vcc =2.7 to 3.6V, Gnd = 0V, TA = -40
oC to +85oC)
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.4 to 2.2V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : 1.5V
Output Load (See right) : CL = 100pF+ 1 TTL
CL1) = 30pF + 1 TTL
1. Including scope and Jig capacitance
2. R1=3070Ω,
R2=3150Ω
3. VTM=2.8V
CL
1)
VTM
3)
R1
2)
R2
2)


Similar Part No. - EM740FP16CW-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FS16CW-12LL EMLSI-EM740FS16CW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16CW-12S EMLSI-EM740FS16CW-12S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16CW-55LL EMLSI-EM740FS16CW-55LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16CW-55S EMLSI-EM740FS16CW-55S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FS16DW-12LL EMLSI-EM740FS16DW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM740FP16CW-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV16 EMLSI-EM610FV16 Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com