Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM641FS16D-12LL Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM641FS16D-12LL
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM641FS16D-12LL Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM641FS16D-12LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM641FS16D-12LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EM621FU16 Series
Low Power, 128Kx16 SRAM
7
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
t
WR(4)
tWC
Address
CS
UB ,LB
WE
Data in
Data out
tCW (2)
t
AW
t
BW
tWP(1)
t
AS(3)
High-Z
tDW
tDH
High-Z
t
OW
t
WHZ
Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
Data Valid
tWC
Address
CS
UB,LB
WE
Data in
Data out
tCW(2)
t
WR(4)
tAW
tBW
t
WP(1)
t
DW
t
DH
TIMING WAVEFORM OF WRITE CYCLE(2) (CS CONTROLLED)
tAS(3)
High-Z
High-Z
Data Valid


Similar Part No. - EM641FS16D-12LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FS16DW-12LL EMLSI-EM641FS16DW-12LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FS16DW-12S EMLSI-EM641FS16DW-12S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FS16DW-55LL EMLSI-EM641FS16DW-55LL Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FS16DW-55S EMLSI-EM641FS16DW-55S Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM641FS16D-12LL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com