Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM640FR16D-12LL Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM640FR16D-12LL
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM640FR16D-12LL Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM640FR16D-12LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM640FR16D-12LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM621FU16 Series
Low Power, 128Kx16 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.5
-
3.3
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.5
-
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS > Vcc-0.2V or LB= UB
≥ V
CC-0.2V
V
cc
2.7V
2.2V
V
DR
CS ,LB /UB
GND
DATA RETENTION WAVE FORM


Similar Part No. - EM640FR16D-12LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM640FR16AS-45L EMLSI-EM640FR16AS-45L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AS-45S EMLSI-EM640FR16AS-45S Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AS-85L EMLSI-EM640FR16AS-85L Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AS-85S EMLSI-EM640FR16AS-85S Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FR16AT-12LF EMLSI-EM640FR16AT-12LF Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM640FR16D-12LL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com