Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6641FS8AW-70LL Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # EM6641FS8AW-70LL
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6641FS8AW-70LL Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6641FS8AW-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6641FS8AW-70LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EM611FV16 Series
Low Power, 64Kx16 SRAM
11
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
EM X XX X X X XX X X - XX XX
MEMORY FUNCTION GUIDE
1. EMLSI Memory
2. Device Type
3. Density
5. Technology
6. Operating Voltage
8. Version
9. Packages
10. Speed
7. Orgainzation
1. Memory Component
2. Device Type
6 ------------------------ Low Power SRAM
7 ------------------------ STRAM
3. Density
1 ------------------------- 1M
2 ------------------------- 2M
4 ------------------------- 4M
8 ------------------------- 8M
16 ----------------------- 16M
32 ----------------------- 32M
64 ----------------------- 64M
4. Option
0 ----------------------- Dual CS
1 ----------------------- Single CS
5. Technology
Blank ------------------ CMOS
F ------------------------ Full CMOS
6. Operating Voltage
Blank ------------------ 5.0V
V ------------------------- 2.7V~3.6V
U ------------------------- 3.0V
S ------------------------- 2.5V
R ------------------------- 2.0V
P ------------------------- 1.8V
7. Orginzation
8 ---------------------- x8 bit
16 ---------------------- x16 bit
32 ---------------------- x32 bit
8. Version
Blank ----------------- Mother Die
A ----------------------- First revision
B ----------------------- Second revision
C ----------------------- Third revision
D ----------------------- Fourth revision
9. Package
Blank ---------------------- FPBGA
S ---------------------------- 32 sTSOP1
T ---------------------------- 32 TSOP1
U ---------------------------- 44 TSOP2
W ---------------------------- Wafer
10. Speed
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
10 --------------------- 100ns
12 --------------------- 120ns
11. Power
LL ---------------------- Low Low Power
LF ---------------------- Low Low Power (Pb-free)
L ---------------------- Low Power
S ---------------------- Standard Power
4. Option
11. Power


Similar Part No. - EM6641FS8AW-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6641FS8AS-70LL EMLSI-EM6641FS8AS-70LL Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6641FS8AS-70S EMLSI-EM6641FS8AS-70S Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6641FS8AS-85LL EMLSI-EM6641FS8AS-85LL Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6641FS8AS-85S EMLSI-EM6641FS8AS-85S Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6641FS8AW-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV16 EMLSI-EM610FV16 Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com