Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32C2E3B1B-77.760M Datasheet(PDF) 11 Page - Ecliptek Corporation

Part # E32C2E3B1B-77.760M
Description  OSCILLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E32C2E3B1B-77.760M Datasheet(HTML) 11 Page - Ecliptek Corporation

Back Button E32C2E3B1B-77.760M Datasheet HTML 5Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 6Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 7Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 8Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 9Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 10Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 11Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 12Page - Ecliptek Corporation E32C2E3B1B-77.760M Datasheet HTML 13Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Characteristic
Specification
Seal Integrity
Bubble test in Perfluorocarbon at +125°C ±5°C for 60 seconds
minimum (internal crystal only).
Solderability
Sn63 Solder dip at +230°C ±5°C for 5 seconds/95% coverage.
Marking Permanency
10 Strokes with brush after 1 minute soak in solvent, 3 times.
Shock
Random drop on hard wooden plate 3 times from a height
of 20cm.
Vibration
Frequency with an amplitude of 1.5mm sweeping between 10Hz
to 55Hz within 1 minute (approximately) for 2 hours minimum on
each axis (X, Y and Z) for a total of 6 hours.
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E31C2
CERAMIC
5.0V
OS68
10/02
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
*Compliant to EIA 481A
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Tolerances = ±0.1
800-ECLIPTEK www.ecliptek.com for latest revision
189 Specifications subject to change without notice.
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13±.2
Q
40 MIN
S
10 MIN
R
2.5 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
QTY/REEL
1000
A
B
C
D
E
F
24 ±.3
11.5 ±.1
10.75 ±.1
4 ±.2
2±.1
F
G
H
J
K
L
12 ±.1
B0*
1.5 +.1-0
A0*
.4 ±.05
K0*
TAPE
PART NUMBERING GUIDE
Pin 1: Voltage Control
Pin 2: Enable/Disable or No Connect
Pin 3: Case Ground
E31C2 F 3 A 2 C - 77.760M TR
AVAILABLE OPTIONS
Blank=Tubes
TR = Tape and Reel (Standard)
FREQUENCY
ADDITIONAL OUTPUT/LOGIC CONTROL
A=No Connect and Single Output
B=Enable/Disable and Single Output
C=No Connect and Complementary Output
D=Enable/Disable and Complementary Output
DUTY CYCLE
1=50 ±10(%), 2=50 ±5(%)
FREQUENCY TOLERANCE & STABILITY/
OPERATING TEMPERATURE RANGE
D=±50ppm Maximum over 0°C to +70°C
E=±25ppm Maximum over 0°C to +70°C
F=±20ppm Maximum over 0°C to +70°C
H=±50ppm Maximum over -40°C to +85°C
APR
3=±50ppm Minimum
LINEARITY
A=20%
B=15%
C=10%
Pin 4: Output
Pin 5: Complementary Output or No Connect
Pin 6: Supply Voltage
OBSOLETE


Similar Part No. - E32C2E3B1B-77.760M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
More results

Similar Description - E32C2E3B1B-77.760M

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com