Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM680FP8AW-70LL Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM680FP8AW-70LL
Description  64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM680FP8AW-70LL Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM680FP8AW-70LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM680FP8AW-70LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM611FV16 Series
Low Power, 64Kx16 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
DNU
B
I/O
9
UB
A
3
A
4
CS
I/O
1
C
I/O10 I/O11
A5
A6
I/O2
I/O3
D
VSS
I/O12 DNU
A7
I/O4
VCC
E
VCC
I/O13 DNU DNU
I/O5
VSS
F
I/O
15
I/O
14
A
14
A
15
I/O
6
I/O
7
G
I/O
16
DNU
A
12
A
13
WE
I/O
8
H
DNU
A8
A9
A10
A11
DNU
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization : 64K x 16 bit
• Power Supply Voltage : 2.7V ~ 3.6V
• Low Data Retention Voltage : 1.5V(Min.)
• Three state output and TTL Compatible
• Package Type : 48-FPBGA 6.0x7.0
GENERAL DESCRIPTION
The EM611FV16 families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
2. Typical values are measured at Vcc=3.3V, T
A =25
oC and not 100% tested.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max.)
EM611FV16
Industrial (-40 ~ 85
oC)
2.7V~3.6V
55
1) /70ns
0.5
µA2)
3 mA
48-FPBGA
Name
Function
Name
Function
CS
Chip select input
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O9~16)
A0~A15
Address Inputs
LB
Lower Byte (I/O1~8)
I/O1~I/O16 Data Inputs/outputs
DNU
Do Not Use
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
1024 x 1024
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A10 A11
A12
A13
A14 A15
WE
OE
UB
LB
CS
I/O1 ~ I/O8
I/O9 ~ I/O16
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
1. The parameter is measured with 30pF test load.
PIN DESCRIPTION
48-FPBGA : Top view (ball down)


Similar Part No. - EM680FP8AW-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM680FP8EU-45L EMLSI-EM680FP8EU-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FP8EU-45LF EMLSI-EM680FP8EU-45LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FP8EU-85L EMLSI-EM680FP8EU-85L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FP8EU-85LF EMLSI-EM680FP8EU-85LF Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FP8EV-45L EMLSI-EM680FP8EV-45L Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM680FP8AW-70LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM610FV16 EMLSI-EM610FV16 Datasheet
75Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1016U4B SAMSUNG-K6F1016U4B Datasheet
162Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F1016U4C SAMSUNG-DS_K6F1016U4C Datasheet
173Kb / 9P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM611FV16U EMLSI-EM611FV16U Datasheet
188Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F3216U6M SAMSUNG-K6F3216U6M Datasheet
150Kb / 9P
   2M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com