Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB100NH02L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB100NH02L
Description  N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NH02L Datasheet(HTML) 4 Page - STMicroelectronics

  STB100NH02L Datasheet HTML 1Page - STMicroelectronics STB100NH02L Datasheet HTML 2Page - STMicroelectronics STB100NH02L Datasheet HTML 3Page - STMicroelectronics STB100NH02L Datasheet HTML 4Page - STMicroelectronics STB100NH02L Datasheet HTML 5Page - STMicroelectronics STB100NH02L Datasheet HTML 6Page - STMicroelectronics STB100NH02L Datasheet HTML 7Page - STMicroelectronics STB100NH02L Datasheet HTML 8Page - STMicroelectronics STB100NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB100NH02L
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 25mA, VGS =0
24
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 20V
VDS = 20V, TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
1.8
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 30A
VGS = 5V, ID = 15A
0.0052
0.007
0.006
0.011
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS = 10V , ID =30A
40
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 15V, f = 1MHz,
VGS = 0
2850
800
120
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 10V, ID = 30A
RG =4.7Ω VGS = 10V
(see Figure 13)
13
75
50
18
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 10V, ID = 30A,
VGS = 10V, RG =4.7Ω
(see Figure 14)
47.5
10
7
64
nC
nC
nC
RG
Gate input resistance
f=1 MHz gate DC
Bias=0
test signal level =20 mV
open drain
1


Similar Part No. - STB100NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100N10F7 STMICROELECTRONICS-STB100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
logo
Inchange Semiconductor ...
STB100N10F7 ISC-STB100N10F7 Datasheet
315Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB100N10F7 STMICROELECTRONICS-STB100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
   N-channel 60 V, 4.7 m??typ.,100 A STripFET??F7 Power MOSFET in a D짼PAK package
January 2015 Rev 2
More results

Similar Description - STB100NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L_06 Datasheet
410Kb / 13P
   N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET
STB60NH02L STMICROELECTRONICS-STB60NH02L_04 Datasheet
579Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
May 2004
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L Datasheet
319Kb / 8P
   N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET??III POWER MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
   N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com