Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIBLT1-S5-S5-SMT Datasheet(PDF) 1 Page - CUI INC

Part # VIBLT1-S5-S5-SMT
Description  DC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VIBLT1-S5-S5-SMT Datasheet(HTML) 1 Page - CUI INC

  VIBLT1-S5-S5-SMT Datasheet HTML 1Page - CUI INC VIBLT1-S5-S5-SMT Datasheet HTML 2Page - CUI INC VIBLT1-S5-S5-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
12/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VIBLT-SMT series
features
·SMD package
·temperature range: -40°C~+85°C
·1K Vdc isolation
·internal SMD construction
·short circuit protection
·industry standard pinout
·no heatsink required
·no external component required
·RoHS compliant
description
Designed for applications where a
group of polar power supplies are
isolated from the input power sup-
ply in a distributed power supply
system on a circuit board.
model
input voltage
output
output current
number
nominal
range
voltage
max.
min.
efficiency (typ)
VIBLT1-S5-S5-SMT
5 Vdc
4.75~5.25 Vdc
5 Vdc
150 mA
15 mA
69%
VIBLT1-S5-S9-SMT
5 Vdc
4.75~5.25 Vdc
9 Vdc
111 mA
12 mA
70%
VIBLT1-S5-S12-SMT
5 Vdc
4.75~5.25 Vdc
12 Vdc
83 mA
9 mA
71%
VIBLT1-S5-S15-SMT
5 Vdc
4.75~5.25 Vdc
15 Vdc
67 mA
7 mA
72%
VIBLT1-S12-S5-SMT
12 Vdc
11.4~12.6 Vdc
5 Vdc
150 mA
15 mA
69%
VIBLT1-S12-S9-SMT
12 Vdc
11.4~12.6 Vdc
9 Vdc
111 mA
12 mA
70%
VIBLT1-S12-S12-SMT
12 Vdc
11.4~12.6 Vdc
12 Vdc
83 mA
9 mA
71%
VIBLT1-S12-S15-SMT
12 Vdc
11.4~12.6 Vdc
15 Vdc
67 mA
7 mA
72%
VIBLT1-S15-S5-SMT
15 Vdc
12.8~15.2 Vdc
5 Vdc
150 mA
15 mA
69%
VIBLT1-S15-S9-SMT
15 Vdc
12.8~15.2 Vdc
9 Vdc
111 mA
12 mA
70%
VIBLT1-S15-S12-SMT
15 Vdc
12.8~15.2 Vdc
12 Vdc
83 mA
9 mA
71%
VIBLT1-S15-S15-SMT
15 Vdc
12.8~15.2 Vdc
15 Vdc
67 mA
7 mA
72%
VIBLT1-S24-S5-SMT
24 Vdc
22.8~25.2 Vdc
5 Vdc
150 mA
15 mA
69%
VIBLT1-S24-S9-SMT
24 Vdc
22.8~25.2 Vdc
9 Vdc
111 mA
12 mA
70%
VIBLT1-S24-S12-SMT
24 Vdc
22.8~25.2 Vdc
12 Vdc
83 mA
9 mA
71%
VIBLT1-S24-S15-SMT
24 Vdc
22.8~25.2 Vdc
15 Vdc
67 mA
7 mA
72%
OUTPUT SPECIFICATIONS
item
test conditions
min.
typ.
max.
units
output power
0.1
1
W
line regulation
for Vin change of 5%
±0.3
%
load regulation
10% to 100% full load
1
%
output voltage accuracy
@ full load
±3
%
temperature drift
@ 100% load
0.03
%/°C
output ripple
20 MHz bandwidth
10
20
mVp-p
output noise
20 MHz bandwidth
50
100
mVp-p
switching frequency
full load, nominal input
100
KHz


Similar Part No. - VIBLT1-S5-S5-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VIBLT1-S5-S5-SMT CUI-VIBLT1-S5-S5-SMT Datasheet
239Kb / 3P
   DC-DC CONVERTER
VIBLT1-S5-S5-SMT CUI-VIBLT1-S5-S5-SMT Datasheet
345Kb / 5P
   DC-DC CONVERTER
VIBLT1-S5-S5-SMT CUI-VIBLT1-S5-S5-SMT_10 Datasheet
239Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - VIBLT1-S5-S5-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com