Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSCDS-125-220M-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSCDS-125-220M-B
Description  SMD Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSCDS-125-220M-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSCDS-125-220M-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Height)
B=Bulk
T=Tape & Reel
Inductance Code
Tolerance
M=20%
PSCDS - 125 - 100 M - T
SMD Power Inductor
(PSCDS-125 Series)
Features
Inductance Range
10 µH to 1000 µH
Tolerance
20%
Construction
Magnetically Shielded, Direct Connected Ferrite Electrode
Dimensions in mm
Electrical Specifications
Inductance
Code
Inductance
(µH)
Test
Freq
DCR Max
(Ohms)
IDC Typ*
(A)
100
10
1 kHz, 1 V
25m
4.00
120
12
1 kHz, 1 V
27m
3.50
150
15
1 kHz, 1 V
30m
3.30
180
18
1 kHz, 1 V
34m
3.00
220
22
1 kHz, 1 V
36m
2.80
270
27
1 kHz, 1 V
51m
2.30
330
33
1 kHz, 1 V
57m
2.10
390
39
1 kHz, 1 V
68m
2.00
470
47
1 kHz, 1 V
75m
1.80
560
56
1 kHz, 1 V
0.11
1.70
680
68
1 kHz, 1 V
0.12
1.50
820
82
1 kHz, 1 V
0.14
1.40
101
100
1 kHz, 1 V
0.16
1.30
121
120
1 kHz, 1 V
0.17
1.10
151
150
1 kHz, 1 V
0.23
1.00
181
180
1 kHz, 1 V
0.29
0.90
221
220
1 kHz, 1 V
0.40
0.80
271
270
1 kHz, 1 V
0.46
0.75
331
330
1 kHz, 1 V
0.51
0.68
391
390
1 kHz, 1 V
0.69
0.65
471
470
1 kHz, 1 V
0.77
0.58
561
560
1 kHz, 1 V
0.86
0.54
681
680
1 kHz, 1 V
1.20
0.48
821
820
1 kHz, 1 V
1.34
0.43
102
1000
1 kHz, 1 V
1.53
0.40
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
5.0
6.0 max
12.0 ± 0.3
12.0 ± 0.3
7.6
*Inductance drop = 10% typical at rated IDC
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - PSCDS-125-220M-B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSCDS-125-220M-B CALIBER-PSCDS-125-220M-B Datasheet
25Kb / 1P
   SMD Power Inductor
More results

Similar Description - PSCDS-125-220M-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com