Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6640FP32FW-55S Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EM6640FP32FW-55S
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6640FP32FW-55S Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM6640FP32FW-55S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM6640FP32FW-55S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM620FV8AT Series
Low Power, 256Kx8 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Rev 0.2
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.5
-
3.6
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled)
1)
-
-
5
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS 1 > Vcc-0.2V
V
cc
2.7V
2.2V
V
DR
CS
1
GND
tSDR
tRDR
Data Retention Mode
V
cc
2.7V
CS2
VDR
0.4V
GND
CS2 < 0.2V
DATA RETENTION WAVE FORM
CS1 Controlled
CS2 Controlled


Similar Part No. - EM6640FP32FW-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6640FS16AW10LL EMLSI-EM6640FS16AW10LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW10S EMLSI-EM6640FS16AW10S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW45LL EMLSI-EM6640FS16AW45LL Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW45S EMLSI-EM6640FS16AW45S Datasheet
74Kb / 11P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW55L EMLSI-EM6640FS16AW55L Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6640FP32FW-55S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com