Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM680FU16DS-85LF Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM680FU16DS-85LF
Description  256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM680FU16DS-85LF Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM680FU16DS-85LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM680FU16DS-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM620FV8AS Series
Low Power, 256Kx8 SRAM
3
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Rev 0.2
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to Vcc+0.3 (Max. 4.0V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
P
D
1.0
W
Operating Temperature
T
A
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
1
CS
2
OE
WE
I/O
Mode
Power
H
X
X
X
High-Z
Deselected
Stand by
X
L
X
X
High-Z
Deselected
Stand by
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Data Out
Read
Active
L
H
X
L
Data In
Write
Active


Similar Part No. - EM680FU16DS-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16A EMLSI-EM680FU16A Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
EM680FU16A-45LF EMLSI-EM680FU16A-45LF Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
EM680FU16A-55LF EMLSI-EM680FU16A-55LF Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
EM680FU16A-70LF EMLSI-EM680FU16A-70LF Datasheet
418Kb / 11P
   Low Power, 512Kx16 SRAM
More results

Similar Description - EM680FU16DS-85LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU8 EMLSI-EM620FU8 Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8BS EMLSI-EM620FU8BS Datasheet
348Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BT EMLSI-EM620FV8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B ETC2-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FU8BT EMLSI-EM620FU8BT Datasheet
477Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com