Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C8125H35 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V53C8125H35
Description  ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C8125H35 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V53C8125H35 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C8125H35 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
MOSEL VITELIC
V53C8125H
V53C8125H Rev. 1.7
August 1998
FAMILY
DEVICE
PKG
(tRAC)
SPEED
PWR.
V
5
3
C
125
35 (35 ns)
40 (40 ns)
45 (45 ns)
50 (50 ns)
TEMP.
BLANK (0
°C to 70°C)
BLANK (NORMAL)
K (SOJ)
T (TSOP)
H
8
8125H 01
Pin Names
A0-A 8
Address Inputs (A8: Column Address only)
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
OE
Output Enable
I/O1- I/O8
Data Input, Output
VCC
+5V Supply
VSS
0V Supply
NC
No Connect
Description
Pkg.
Pin Count
SOJ
K
26/24
TSOP-II
T
28
26/24 Lead SOJ
PIN CONFIGURATION
Top View
28 Lead TSOP-I
PIN CONFIGURATION
Top View
VSS
I/O1
I/O2
I/O3
I/O4
WE
RAS
A0
A1
A2
A3
VCC
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
8125H 02
17
16
15
VSS
I/O8
I/O7
I/O6
I/O5
CAS
OE
A8
A7
A6
A5
A4
14
CAS
I/O5
I/O6
I/O7
I/O8
VSS
VSS
NC
I/O1
I/O2
I/O3
I/O4
NC
WE
OE
A8
A7
A6
A5
A4
NC
VCC
NC
A3
A2
A1
A0
RAS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
8125H 03
1
2
3
4
5
6
7
8
9
10
11
12
13
14
30 (30 ns)


Similar Part No. - V53C8125H35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8126 MOSEL-V53C8126 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H35 MOSEL-V53C8126H35 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H40 MOSEL-V53C8126H40 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H45 MOSEL-V53C8126H45 Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C8125H35

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8129H MOSEL-V53C8129H Datasheet
201Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
   HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
   HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8256H MOSEL-V53C8256H Datasheet
217Kb / 18P
   ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com