Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPOL16A-12-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VPOL16A-12-SIP
Description  point of load converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPOL16A-12-SIP Datasheet(HTML) 2 Page - CUI INC

  VPOL16A-12-SIP Datasheet HTML 1Page - CUI INC VPOL16A-12-SIP Datasheet HTML 2Page - CUI INC VPOL16A-12-SIP Datasheet HTML 3Page - CUI INC VPOL16A-12-SIP Datasheet HTML 4Page - CUI INC VPOL16A-12-SIP Datasheet HTML 5Page - CUI INC VPOL16A-12-SIP Datasheet HTML 6Page - CUI INC VPOL16A-12-SIP Datasheet HTML 7Page - CUI INC VPOL16A-12-SIP Datasheet HTML 8Page - CUI INC VPOL16A-12-SIP Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
rev.
page
date
DESCRIPTION:
point of load converter
2 of 12
11/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VPOL16A-12-SIP
1. Introduction
This application note describes the features and functions of V-Infinity’s
VPOL16A-12-SIP series of Non Isolated DC-DC Converters. These are
highly efficient, reliable and compact, high power density, single output
DC/DC converters. These “Point of Load” modules serve the needs
specifically of the fixed and mobile telecommunications and computing
market, employing economical distributed Power Architectures. The
VPOL16A-12-SIP series provide precisely regulated output voltage
range from 0.75V to 5.0Vdc over a wide range of input voltage (Vi=9.0 –
14Vdc) and can operate over an ambient temperature range of –40°C
to +85°C. Ultra-high efficiency operation is achieved through the use of
synchronous rectification and drive control techniques.
The modules are fully protected against short circuit and over-
temperature conditions. V-Infinity’s world class automated
manufacturing methods, together with an extensive testing and
qualification program, ensure that all VPOL16A-12-SIP series
converters are extremely reliable.
2.
Converter
Features
High efficiency topology, typically 94% at 5.0Vdc
Industry standard footprint
Wide ambient temperature range, -40°C to +85°C
Cost efficient open frame design
Programmable output voltage via external resistor from 0.75 to
5.0Vdc
No minimum load requirement (Stable at all loads)
Remote ON/OFF
Remote sense compensation
Fixed switching frequency
Continuous short-circuit protection and over current protection
Over-temperature protection (OTP)
Monotonic Startup with pre-bias at the output.
UL/IEC/EN60950 Certified.
3. General Description
3.1 Electrical Description
A block diagram of the VPOL16A-12-SIP Series converter is shown in
Figure 1. Extremely high efficiency power conversion is achieved
through the use of synchronous rectification and drive techniques.
Essentially, the powerful VPOL16A-12-SIP series topology is based on
a non-isolated synchronous buck converter. The control loop is
optimized for unconditional stability, fast transient response and a very
tight line and load regulation. In a typical pre-bias application the
VPOL16A-12-SIP series converters do not draw any reverse current at
start-up. The output voltage can be adjusted from 0.75 to 5.0vdc, using
the TRIM pin with a external resistor. The converter can be shut down
via a remote ON/OFF input that is referenced to ground. This input is
compatible with popular logic devices; a 'positive' logic input is supplied
as standard. Positive logic implies that the converter is enabled if the
remote ON/OFF input is high (or floating), and disabled if it is low.
The converter is also protected against over-temperature conditions. If
the converter is overloaded or the ambient temperature gets too high,
the converter will shut down to protect the unit.
C1
C2
Q2
Q1
D1
L1
+VIN
COM
COM
+VO
PWM IC
R1
R2
R sense
R trim
ERR AMP
ON/OFF
TRIM
+SENSE
Figure 1. Electrical Block Diagram
3.2 Thermal Packaging and Physical Design.
The VPOL16A-12-SIP series uses a multi-layer FR4 PCB construction.
All surface mount power components are placed on one side of the
PCB, and all low-power control components are placed on the other
side. Thus, the Heat dissipation of the power components is optimized,
ensuring that control components are not thermally stressed. The
converter is an open-frame product and has no case or case pin. The
open-frame design has several advantages over encapsulated closed
devices. Among these advantages are:
Efficient Thermal Management: the heat is removed from the
heat generating components without heating more sensitive, small
signal control components.
Environmental: Lead free open-frame converters are more easily
re-cycled.
Cost Efficient: No encapsulation. Cost efficient open-frame
construction.
Reliable: Efficient cooling provided by open frame construction
offers high reliability and easy diagnostics.
VPOL16A-12-SIP


Similar Part No. - VPOL16A-12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results

Similar Description - VPOL16A-12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com