Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1454B6TR13 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT1454B6TR13
Description  Configuration Selector Guide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1454B6TR13 Datasheet(HTML) 1 Page - CTS Corporation

  RT1454B6TR13 Datasheet HTML 1Page - CTS Corporation RT1454B6TR13 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Configuration Selector Guide
RoHS Compliant part numbers begin with “RT2” (example RT2200B7)
Contact CTS if you have a new design request or application.
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
October 07
www.ctsclearone.com
Configuration Selector Guide
Configuration
Cols
R1
Ω
R2
Ω
Pitch 1.00mm Pitch 1.27mm
C
8
10
RT1200B7
Isolated Configuration
15
RT116B7
22
RT1232B7
25
RT1233B7
33
RT1202B7
38
RT101B7
50
RT1235B7
56
RT119B6
100
RT1710B7
RT1710B6
9
18
RT1406B7
22
RT1405B7
RT1405B6
25
RT1404B7
RT1404B6
27
RT1409B7
33
RT1463B7
RT1463B6
47
RT1465B7
RT1465B6
50
RT1460B7
RT1460B6
10,000
RT128B7
16
10
RT1201B7
22
RT104B7
33
RT1203B7
50
RT1205B7
RT1205B6
100
RT1236B7
D
3
22
RT1100B7
Star Configuration
25
RT1450B6
56
RT1453B6
150
RT1410B6
6
22
RT1101B7
RT1101B6
25
RT1451B6
56
RT1454B6
150
RT1411B6
12
22
RT1102B7
RT1102B6
25
RT1452B6
E
28
RT1421B6
Thevenin Configuration
33
RT1425B6
39
RT1423B6
56
RT1427B6
150
RT1412B7
RT1412B6
10,000
RT130B7
22,000
RT131B7
9
330
150
RT1320B6
475
121
RT1300B6
Configuration
Cols
R1
Ω
R2
Ω
Pitch 1.00mm Pitch 1.27mm
F
4
1,000
RT1435B7
RT1435B6
Center Bus Configuration
4,700
RT1415B7
RT1415B6
8,200
RT1416B7
RT1416B6
8
28
RT1420B7
RT1420B6
33
RT1424B6
39
RT1422B6
56
RT1426B7
RT1426B6
1,000
RT1436B6
2,700
33
RT120B6
4,700
RT1417B7
RT1417B6
8,200
RT1418B7
RT1418B6
9
25
RT1403B7
RT1403B6
35
RT1407B7
RT1407B6
50
RT1402B7
RT1402B6
60
RT1430B7
RT1430B6
100
RT1443B7
RT1443B6
120
RT1432B7
RT1432B6
G
9
100
RT1220B7
Thevenin Configuration
8
100
RT1510B7
110
RT1505B7
130
RT1500B7
127
82.5
RT1250B7
RT1250B6
150
75
RT134B7
220
1,800
RT1211B7
250
62.5
RT1251B7
RT1251B6
330
470
RT1210B7
12
100
RT1520B6
H
4
1,000
36
RT140B6
Top Bus Configuration
9
25
22
RT1401B7
RT1401B6
50
25
RT1400B7
RT1400B6
60
25
RT1408B7
RT1408B6
100
RT1440B7
120
RT1433B7
RT1433B6
1,000
36
RT141B6
I
8
187
100
RT1721B7
RT1721B6
Horseshoe Configuration
140
165
RT1723B7
RT1723B6
140
135
RT1725B7
RT1725B6
70
187
RT1727B7
RT1727B6
70
240
RT1729B7
RT1729B6
16
140
165
RT1722B7
140
135
RT1724B7
187
100
RT1720B7
D
E
F
A
B
C
G
H
1
2
3
4


Similar Part No. - RT1454B6TR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1454B6TR13 CTS-RT1454B6TR13 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
More results

Similar Description - RT1454B6TR13

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
National Instruments Co...
777459-03 NI-777459-03 Datasheet
4Mb / 17P
   SCC Configuration Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com