Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPOL16A-12W-SIP Datasheet(PDF) 10 Page - CUI INC

Part # VPOL16A-12W-SIP
Description  point of load converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPOL16A-12W-SIP Datasheet(HTML) 10 Page - CUI INC

Back Button VPOL16A-12W-SIP Datasheet HTML 6Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 7Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 8Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 9Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 10Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 11Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 12Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 13Page - CUI INC VPOL16A-12W-SIP Datasheet HTML 14Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
rev.
page
date
DESCRIPTION: point of load converter
10 of 14
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VPOL16A-12W-SIP
7.5 Efficiency vs Load Curves
VPOL16A-12W-SIP Vo=2.5V (Eff Vs Io)
70%
75%
80%
85%
90%
95%
100%
01
2
34567
8
9
10 11 12 13 14 15 16
Current Load (A)
6.0V
12V
14V
VPOL16A-12W-SIP Vo=5.0V (Eff Vs Io)
70%
75%
80%
85%
90%
95%
100%
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
Current Load (A)
6.5V
12V
14V
VPOL16A-12W-SIP Vo=3.3V (Eff Vs Io)
70%
75%
80%
85%
90%
95%
100%
012
3
45678
9
10 11 12 13 14 15 16
Current Load (A)
6.0V
12V
14V
VPOL16A-12W-SIP Vo=2.0V (Eff Vs Io)
60%
65%
70%
75%
80%
85%
90%
95%
100%
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
Current Load (A)
6.0V
12V
14V


Similar Part No. - VPOL16A-12W-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL16A-12W-SMT CUI-VPOL16A-12W-SMT Datasheet
640Kb / 14P
   point of load converter
More results

Similar Description - VPOL16A-12W-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
   point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
   point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com