Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32F4E3A1C-155.520M-CL125 Datasheet(PDF) 4 Page - Ecliptek Corporation

Part # E32F4E3A1C-155.520M-CL125
Description  OSCILLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E32F4E3A1C-155.520M-CL125 Datasheet(HTML) 4 Page - Ecliptek Corporation

  E32F4E3A1C-155.520M-CL125 Datasheet HTML 1Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 2Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 3Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 4Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 5Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 6Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 7Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 8Page - Ecliptek Corporation E32F4E3A1C-155.520M-CL125 Datasheet HTML 9Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
E13F4
14 pin DIP
3.3V
OS85
01/03
E13F4 Series
• LVPECL Output Oscillators
• 3.3V supply voltage
• 14 pin DIP package (5 pin)
• Stability to 20ppm
• Output Enable/Disable available
• Complementary Output available
H
8.0
L 20.8
W 13.2
OSCILLATOR
E13F4
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
90
Specifications subject to change without notice.
19.440MHz to 250.000MHz
0°C to 70°C
-40°C to 85°C
-55°C to 125°C
3.3V
DC ±5%
75mA Maximum
100KH
±100ppm, ±50ppm, ±25ppm, or
±20ppm Maximum
V
CC-1.025VDC Minimum
V
CC-1.620VDC Maximum
2 nSeconds Maximum
50 ±10(%)
50 ±5(%)
50 Ohms into V
CC-2.0VDC
No Connect, Enable/Disable,
Complementary Output, or
Complementary Output and Enable/Disable
Enables Output
Enables Output
Disables Output: Logic Low
Disables Complementary Output: Logic High
10 mSeconds Maximum
1 pSec Maximum
Frequency Range
Operating Temperature Range
Storage Temperature Range
Supply Voltage (V
CC)
Input Current
Logic Type
Frequency Tolerance / Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time
Duty Cycle
Load Drive Capability
Logic Control / Additional Output
Enable/Disable Input Voltage
Start Up Time
RMS Phase Jitter
Available at Frequencies < 212.500MHz
Inclusive of all conditions: Calibration Tolerance at
25°C, Frequency Stability over the Operating Tem-
perature Range, Supply Voltage Change, Output Load
Change, Aging, Shock, and Vibration
20% to 80% of waveform
at 50% of waveform
V
IL of VCC-1.475VDC Maximum
No Connection
V
IH of VCC-1.165VDC Minimum
FJ = 12kHz to 20MHz
OBSOLETE


Similar Part No. - E32F4E3A1C-155.520M-CL125

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F401CPN CHEMI-CON-E32F401CPN Datasheet
129Kb / 9P
   Large Can
E32F401CPN103MFK0M CHEMI-CON-E32F401CPN103MFK0M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN123MFN0M CHEMI-CON-E32F401CPN123MFN0M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN182MD92M CHEMI-CON-E32F401CPN182MD92M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN182MD92M CHEMI-CON-E32F401CPN182MD92M Datasheet
129Kb / 9P
   Large Can
More results

Similar Description - E32F4E3A1C-155.520M-CL125

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com