Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32F4F3A1C-155.520M-CL125 Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # E32F4F3A1C-155.520M-CL125
Description  OSCILLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

E32F4F3A1C-155.520M-CL125 Datasheet(HTML) 3 Page - Ecliptek Corporation

  E32F4F3A1C-155.520M-CL125 Datasheet HTML 1Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 2Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 3Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 4Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 5Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 6Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 7Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 8Page - Ecliptek Corporation E32F4F3A1C-155.520M-CL125 Datasheet HTML 9Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ECLIPTEK CORP.
OSCILLATOR
E11F4
14 pin DIP
5.0V
OS86
01/03
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
E11F4 F 2 C - 155.520M
PART NUMBERING GUIDE
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
Characteristic
Specification
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-202, Method 213, Condition C
Vibration
MIL-STD-883, Method 2007, Condition A
Lead Integrity
MIL-STD-883, Method 2004
Solderability
MIL-STD-883, Method 2002
Temperature Cycling
MIL-STD-883, Method 1010
Resistance to Soldering Heat
MIL-STD-
202, Method 210
Resistance to Solvents
MIL-STD-
202, Method 215
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Line 1: ECLIPTEK
Line 2: XX.XXX M
Frequency in MHz
(5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
Note: Pin 1 shall be designated with a dot
800-ECLIPTEK www.ecliptek.com for latest revision
87 Specifications subject to change without notice.
FREQUENCY
LOGIC CONTROL/ADDITIONAL OUTPUT
A=No Connect
B=Enable/Disable
C=Complementary Output
D=Complementary Output and Enable/Disable
FREQUENCY TOLERANCE & STABILITY/
OPERATING TEMPERATURE RANGE
C=±100ppm Maximum over 0°C to +70°C
D=±50ppm Maximum over 0°C to +70°C
E=±25ppm Maximum over 0°C to +70°C
F=±20ppm Maximum over 0°C to +70°C
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
DUTY CYCLE
1=50% ±10%, 2=50% ±5%
Pin 1: Enable/Disable or No Connect
Pin 7: Case Ground
Pin 8: Output
Pin 9: Complementary Output or No Connect
Pin 14: Supply Voltage
OBSOLETE


Similar Part No. - E32F4F3A1C-155.520M-CL125

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F401CPN CHEMI-CON-E32F401CPN Datasheet
129Kb / 9P
   Large Can
E32F401CPN103MFK0M CHEMI-CON-E32F401CPN103MFK0M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN123MFN0M CHEMI-CON-E32F401CPN123MFN0M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN182MD92M CHEMI-CON-E32F401CPN182MD92M Datasheet
128Kb / 9P
   Screw Terminals
E32F401CPN182MD92M CHEMI-CON-E32F401CPN182MD92M Datasheet
129Kb / 9P
   Large Can
More results

Similar Description - E32F4F3A1C-155.520M-CL125

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com