Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCH2027T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OCH2027T
Description  5X7X1.6mm / SMD / HCMOS/TTL Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OCH2027T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OCH2027T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OC Series
5X7X1.6mm / SMD / HCMOS/TTL Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 1998-C
Frequency Range
1.544MHz to 156.520MHz
Operating Temperature Range
0°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±10%, 3.3Vdc ±10%
Input Current
1.544MHz to 36.000MHz
36,001MHz to 70.000MHz
70.001MHz to 125.000MHz
18mA Maximum
50mA Maximum
65mA Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±30ppm, ±25ppm, ±20ppm,
±15ppm or ±10ppm (25, 20, 15, 10 = 0°C to 70°C )
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –0.5Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Rise / Fall Time
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
@50% of Waveform w/LSTTL or HCMOS Load
>66.667MHz
50 ±10% (Standard)
50±5% (Optional)
50±5% (Optional)
Load Drive Capability
</= 70.000MHz
>70.000MHz
</=70.000MHz (Optional)
10LSTTL Load or 30pF HCMOS Load
10LSTTL Load or 15pF HCMOS Load
10TTL Load or 50pF HCMOS Load
Pin 1 Tristate Input Voltage
No Connection
VIH
VIL
Enables Output
+2.2Vdc Minimum to Enable Output
+0.8Vdc Maximum to Disable Output
Aging (@ 25°C)
±5ppm / year Maximum
Start Up Time
10mSeconds Maximum
Absolute Clock Jitter
±100pSeconds Maximum
One Sigma Clock Jitter
±25pSeconds Maximum
10% to 90% of Waveform w/30pF HCMOS Load; 0.4Vdc to 2.4V w/10LSTTL Load 10nSec Max. </= 70.000MHz
10% to 90% of Wavefrom w/15pF HCMOS Load; 0.4Vdc to 2.4V w/10LSTTL Load 5nSec Max. .>70.000MHz
10% to 90% of Wavefrom w/50pF HCMOS Load; 0.4Vdc to 2.4V w/TTL Load 5nSec Max. .</=70.000MHz
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
OCH 100 48 A T - 30.000MHz
Package
OCH
= 5X7X1.6mm / 5.0Vdc / HCMOS-TTL
OCC
= 5X7X1.6mm / 5.0Vdc / HCMOS-TTL / Low Power
<25.000MHz=15mA max. / >24.000MHz=20mA max.
OCD
= 5X7X1.7mm / 5.0Vdc and 3.3Vdc / HCMOS-TTL
Inclusive Stability
100= +/-100ppm, 50= +/-50ppm, 30= +/-30ppm, 25= +/-25ppm,
20= +/-20ppm, 15= +/-15ppm, 10= ±10ppm (25,20,15,10= 0°C-70°C Only)
Pin One Connection
T = Tri State Enable High
Output Symmetry
Blank = 40/60%, A = 45/55%
Operating Temperature Range
Blank = 0°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
MECHANICAL DIMENSIONS
Marking Guide
Pin 1:
Tri-State
Pin 3:
Output
Pin 2:
Case Ground
Pin 4: Supply Voltage
7.5 Max
5.0 Max
1.6
±0.2
2.20
±0.15
5.08
±0.15
1.0
±0.2
(X4 plcs.)
1
2
3
4
Ceramic
Metal
1.4 ±0.2
(X4 plcs.)
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
All Dimensions in mm.
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1: Frequency
Line 2: CEI YM
T
= Tristate
CEI = Caliber Electronics Inc.
YM = Date Code (Year / Month)


Similar Part No. - OCH2027T

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
OCH2027T CALIBER-OCH2027T Datasheet
37Kb / 1P
   5X7X1.6mm / SMD / HCMOS/TTL Oscillator
More results

Similar Description - OCH2027T

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
OCH CALIBER-OCH Datasheet
37Kb / 1P
   5X7X1.6mm / SMD / HCMOS/TTL Oscillator
OC-3.3 CALIBER-OC-3.3 Datasheet
42Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
List of Unclassifed Man...
OC-33 ETC2-OC-33 Datasheet
37Kb / 1P
   5X7X1.6mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
Caliber Electronics Inc...
OC-32 CALIBER-OC-32 Datasheet
43Kb / 1P
   3.2X2.5X1.2mm / SMD / HCMOS/TTL Oscillator
logo
List of Unclassifed Man...
OC-32 ETC2-OC-32 Datasheet
37Kb / 1P
   3.2X2.5X1.2mm / SMD / HCMOS/TTL Oscillator
OC-35 ETC2-OC-35 Datasheet
37Kb / 1P
   3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
Fox Electronics
KFO FOX-KFO Datasheet
249Kb / 1P
   5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
logo
Caliber Electronics Inc...
OC-35 CALIBER-OC-35 Datasheet
42Kb / 1P
   3.2X5X1.2mm / 3.3V / SMD / HCMOS/TTL Oscillator
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
   HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
logo
List of Unclassifed Man...
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
   HCMOS/TTL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com