Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VQB75-D24-S1-R8 Datasheet(PDF) 1 Page - CUI INC

Part # VQB75-D24-S1-R8
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQB75-D24-S1-R8 Datasheet(HTML) 1 Page - CUI INC

  VQB75-D24-S1-R8 Datasheet HTML 1Page - CUI INC VQB75-D24-S1-R8 Datasheet HTML 2Page - CUI INC VQB75-D24-S1-R8 Datasheet HTML 3Page - CUI INC VQB75-D24-S1-R8 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
VQB75- Single Output Brick DC-DC Converter
Input
Input Voltage Range
24V 18-36V
48V 36-75V
Under Voltage Lockout
24 Vin power up 17V
power down 15.5V
48Vin power up 34V
power down 32.5V
Positive Logic Remote ON/OFF (see note 4&5)
Input Filter
PI Type
Output
Voltage Accuracy
±1% max.
Transient Response: 75%-100% Step Load Change
Error Band
±5%
Recover Time
<500us
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW, 2.5V, 3.3V, 5V
40mV RMS., max
100mV pk-pk., max
Temperature Coefficient
±0.03%/°C
Short Circuit Protection
Continuous
Line Regulation1
±0.2% max
Load Regulation2
±0.2% max
Over Voltage Protection trip Range, % Vo nom.
115-140%
Current Limit
110-140% Nominal Output
General Specifications
Efficiency
see table
Isolation Voltage
Input/Output
1500VDC min.
Input/Case
1500VDC min.
Output/Case
1500VDC min.
Isolation Resistance
107Ohm min.
Switching Frequency
300KHz, Type
Operating Case Temperature
-40°C to +100°C
Storage Temperature
-40°C to +105°C
Thermal Shutdown, Case Temp.
100°C Typ.
Dimensions
1.45x2.28x0.50 inches
(36.8x57.9x12.7mm)
Case Material
aluminum baseplate with plastic case
Features
·50-75W isolated output
·Efficiency to 90%
·300KHz switching frequency
·2:1 input range
·Regulated outputs
·Continuous short circuit protection
·Industry standard half-brick package
·Open frame type option


Similar Part No. - VQB75-D24-S1-R8

ManufacturerPart #DatasheetDescription
logo
CUI INC
VQB75-D24-S1-R8 CUI-VQB75-D24-S1-R8 Datasheet
219Kb / 4P
   DC-DC Converter
VQB75-D24-S1-R8 CUI-VQB75-D24-S1-R8 Datasheet
219Kb / 4P
   DC-DC Converter
VQB75-D24-S1-R8 CUI-VQB75-D24-S1-R8 Datasheet
219Kb / 4P
   DC-DC Converter
VQB75-D24-S1-R8 CUI-VQB75-D24-S1-R8 Datasheet
219Kb / 4P
   DC-DC Converter
More results

Similar Description - VQB75-D24-S1-R8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com