Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC38C45 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC38C45
Description  BiCMOS Current-Mode PWM Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C45 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC38C45 Datasheet HTML 1Page - Micrel Semiconductor MIC38C45 Datasheet HTML 2Page - Micrel Semiconductor MIC38C45 Datasheet HTML 3Page - Micrel Semiconductor MIC38C45 Datasheet HTML 4Page - Micrel Semiconductor MIC38C45 Datasheet HTML 5Page - Micrel Semiconductor MIC38C45 Datasheet HTML 6Page - Micrel Semiconductor MIC38C45 Datasheet HTML 7Page - Micrel Semiconductor MIC38C45 Datasheet HTML 8Page - Micrel Semiconductor MIC38C45 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
September 2007
5
M9999-091107
Parameter
Test Conditions
Min
Typ
Max
Units
Current Sense
Gain
Notes 2, 3
2.85
3.0
3.15
V/V
MaximumThreshold
VCOMP = 5V, Note 2
0.9
1
1.1
V
PSRR
12 ≤ VDD ≤ 18V, Note 2
70
dB
Input Bias Current
–0.1
–2
µA
Delay to Output
120
250
ns
Output
RDS(ON) High
ISOURCE = 200mA
20
Ω
RDS(ON) Low
ISINK = 200mA
11
Ω
Rise Time
TA = 25°C, CL = 1nF
40
80
ns
Fall Time
TA = 25°C, CL = 1nF
30
60
ns
Undervoltage Lockout
Start Threshold
MIC38C42/4
13.5
14.5
15.5
V
MIC38C43/5
7.8
8.4
9.0
V
Minimum Operating Voltage
MIC38C42/4
8
9
10
V
MIC38C43/5
7.0
7.6
8.2
V
Pulse Width Modulator
Maximum Duty Cycle
MIC38C42/3
94
96
%
MIC38C44/5
46
50
%
Minimum Duty Cycle
0
%
Total Standby Current
Start-Up Current
VDD = 13V for MIC38C42/44
50
200
µA
VDD = 7.5V for MIC38C43/45
Operating Supply Current
VFB = VISNS = 0V
4.0
6.0
mA
Zener Voltage (VDD)
IDD = 25mA, Note 6
30
37
V
Note 1: These parameters, although guaranteed, are not 100% tested in production.
Note 2: Parameter measured at trip point of latch with VEA = 0.
Note 3: Gain defined as:
∆VPIN1
A =
; 0 ≤ VTH (ISNS) ≤ 0.8V
VTH (ISNS)
Note 4: Adjust VDD above the start threshold before setting at 15V.
Note 5: Output frequency equals oscillator frequency for the MIC38C42 and MIC38C43. Output frequency for the MIC38C44, and
MIC38C45 equals one half the oscillator frequency.
Note 6: On 8-pin version, 20V is maximum input on pin 7, as this is also the supply pin for the output stage. On 14-pin version, 40V is
maximum for pin 12 and 20V maximum for pin 11.


Similar Part No. - MIC38C45

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C45 MICREL-MIC38C45 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45 MICREL-MIC38C45 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C45 MICROCHIP-MIC38C45 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C45-1BM MICREL-MIC38C45-1BM Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45-1BM MICREL-MIC38C45-1BM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results

Similar Description - MIC38C45

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com