Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC811 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC811
Description  Microprocessor Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC811 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC811 Datasheet HTML 1Page - Micrel Semiconductor MIC811 Datasheet HTML 2Page - Micrel Semiconductor MIC811 Datasheet HTML 3Page - Micrel Semiconductor MIC811 Datasheet HTML 4Page - Micrel Semiconductor MIC811 Datasheet HTML 5Page - Micrel Semiconductor MIC811 Datasheet HTML 6Page - Micrel Semiconductor MIC811 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MIC811/812
Micrel
MIC811/812
4
September 2005
Absolute Maximum Ratings(Note 1)
Terminal Voltage (VCC).................................–0.3V to +6.0V
Input Current (VCC, /MR)............................................ 20mA
Output Current (/RESET, RESET).............................. 20mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature (TS) .......................... –65°C to 150°C
Rate of Rise (VCC).................................................. 100V/µs
ESD Rating,
Note 3....................................................... 3kV
Operating Ratings(Note 2)
Operating Temperature Range
MIC811 ..................................................... –40°C to 85°C
MIC812 ..................................................... –40°C to 85°C
Power Dissipation (TA = +70°C) ..............................320mW
Electrical Characteristics
For typical values, VCC = 5V for MIC8_L/M/J, VCC = 3.3V for MIC8_S/T, VCC = 3V for MIC8_R; TA = 25°C, bold values indicate –40°C
≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Operating Voltage Range
TA = –40°C to 85°C
1
5.5
V
ICC
Supply Current
MIC811L/M/J, MIC812L/M/J:
5
15
µA
VCC = 5.0V, no load
MIC811S/T, MIC812S/T
5
10
µA
VCC = 3.3V, no load
MIC811R, MIC812R: VCC = 3.0V, no load
5
10
µA
VTH
Reset Voltage Threshold
MIC811L, MIC812L
4.50
4.63
4.75
V
MIC811M, MIC812M
4.25
4.38
4.50
V
MIC811J, MIC812J
3.89
4.00
4.10
V
MIC811T, MIC812T
3.00
3.08
3.15
V
MIC811S, MIC812S
2.85
2.93
3.00
V
MIC811R, MIC812R
2.55
2.63
2.70
V
tRST
Reset Timeout Period
140
240
560
ms
VOH
/RESET Output Voltage
ISOURCE = 800µA, MIC811L/M/J
VCC–1.5V
V
ISOURCE = 500µA, MIC811R/S/T
0.8×VCC
V
VOL
/RESET Output Voltage
VCC = VTH min., ISINK = 3.2mA, MIC811L/M/J
0.4
V
VCC = VTH min., ISINK = 1.2mA, MIC811R/S/T
0.3
V
VCC > 1V, ISINK = 50µA, TA = –40° to +85°C
0.3
V
VOH
RESET Output Voltage
1.8V < VCC < VTH min., ISOURCE = 150µA
0.8×VCC
V
VOL
RESET Output Voltage
ISINK = 3.2mA, MIC812L/M/J
0.4
V
ISINK = 1.2mA, MIC812R/S/T
0.3
V
/MR Minimum Pulse Width
10
µs
/MR to Reset Delay
0.5
µs
VIH
/MR Input Threshold
VCC > VTH max., MIC81_L/M/J
2.3
V
MIC81_R/S/T
0.7×VCC
V
VIL
/MR Input Threshold
VCC . VTH max., MIC81-L/M/J
0.8
V
MIC81-R/S/T
0.25×VCC
/MR Pull-Up Resistance
10
20
30
/MR Glitch Immunity
100
ns
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.


Similar Part No. - MIC811

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC811 MICREL-MIC811 Datasheet
159Kb / 8P
   Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
288Kb / 7P
   Microprocessor Reset Circuits
MIC811 MICREL-MIC811 Datasheet
227Kb / 7P
   Microprocessor Reset Circuits
logo
Microchip Technology
MIC811 MICROCHIP-MIC811 Datasheet
849Kb / 16P
   Microprocessor Reset Circuits
Revision A (May 2022)
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114 Datasheet
172Kb / 8P
   Microprocessor Reset Circuit
More results

Similar Description - MIC811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com