Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPM-S800-12RI-N Datasheet(PDF) 3 Page - CUI INC

Part # VPM-S800-12RI-N
Description  Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPM-S800-12RI-N Datasheet(HTML) 3 Page - CUI INC

  VPM-S800-12RI-N Datasheet HTML 1Page - CUI INC VPM-S800-12RI-N Datasheet HTML 2Page - CUI INC VPM-S800-12RI-N Datasheet HTML 3Page - CUI INC VPM-S800-12RI-N Datasheet HTML 4Page - CUI INC VPM-S800-12RI-N Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VPM-S800-XXR(I)-N Switching Power Supply
Rev. 04-2007
3 / 5
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
General and Safety
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating temp.
Derates linearly from 100% load at 50 ºC to 50%
0
50
ºC
load at 70 ºC.
Optional operating
Derates linearly from 100% load at 50 ºC to 37.5%
-40
75
ºC
temp.
load at 75 ºC.
Storage temp.
-20
85
ºC
Optional storage
-40
85
ºC
temp.
Operating humid.
Non-condensing
5%
90%
RH
Storage humid.
Non-condensing
5%
95%
RH
EMI
FCC Part 15, CISPR 22 class B, Conducted
Safety
UL60950-1 (E222889), CSA C22.2 No. 60950-1-03, TUV EN60950-1, CE Mark(LVD)
EN61000-3-2,3 & IEC61000-4 series regulations and CB.
Leakage Current
at 240 VAC
3.5
mA
Isolation Voltage
Applied for 3 seconds
(HI-POT)
Primary to secondary:
3000
VAC
Primary to transformer core:
1500
VAC
Primary to earth ground:
1500
VAC
Grounding Test
Allowable resistance measured when 25 A current is
0.1
Ohm
applied from the ground pin of the three prong plug
to the farthest earthed connection point.
Warranty
Standard warranty length
2
years
MTBF
According to MIL-HDBK-217 at 30 ºC
150,000
hours
Burn-in
Full load, at 45 +/- 5 ºC, 230 VAC. Burn-in for
1
8
hours
up to 8 hours in early productions. Time
reduced gradually as product matures.
Note: Customer must specify extended temperature on PO.
Mechanical
Parameter
Conditions/Description
Min
Nom
Max
Units
Weight
1450
grams
Enclosure
9.17(L) x 4.25(W) x 2.5(H)
inches
Mounting holes
Two sets of 8 threaded mounting holes available on the enclosure
B: 6-32, maximum insertion depth of 0.2 inches.
C: M4, maximum insertion depth of 0.2 inches.
Input Connector - (CN1)
Parameter
Conditions/Description
AC input (Option 1)
IEC320 or equivalent
Suggested mating plug: IEC320 or equivalent
AC Input (Option 2)
DINKLE Terminal block Part No. DT-35-A02W-03 (3 pin), M3 x 8.25mm centering
Suggested mating connector:
Molex 19198-0045 or similar
Note: Input connector needs to be specified on the PO.


Similar Part No. - VPM-S800-12RI-N

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPM-S500 CUI-VPM-S500 Datasheet
348Kb / 5P
   Switching Power Supply
VPM-S500-03R CUI-VPM-S500-03R Datasheet
348Kb / 5P
   Switching Power Supply
VPM-S500-05R CUI-VPM-S500-05R Datasheet
348Kb / 5P
   Switching Power Supply
VPM-S500-12R CUI-VPM-S500-12R Datasheet
348Kb / 5P
   Switching Power Supply
VPM-S500-16R CUI-VPM-S500-16R Datasheet
348Kb / 5P
   Switching Power Supply
More results

Similar Description - VPM-S800-12RI-N

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com