Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2145 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2145
Description  High Efficiency 2.5W Boost Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2145_05 Datasheet HTML 4Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 5Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 6Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 9Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 10Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 11Page - Micrel Semiconductor MIC2145_05 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC2145
Micrel, Inc.
M9999-042205
8
April 2005
Application Information
Pre-designed circuit information is at the end of this section.
Output Voltage
The output voltage of the regulator can be set between 2.4V
and 16V by connecting a resistor divider at the FB pin. The
resistor values are selected by the following equations:
R
VR
VV
OUT
2
108
1
108
=
.∑
.
Time 20µs
V
OUT
AC Couple
(100mV/div)
V
SW
(5V/div)
Figure 4. Without Feed-Forward Capacitor
Time 4µs
V
OUT
AC Couple
(100mV/div)
V
SW
(5V/div)
Figure 5. With Feed-Forward Capacitor (100pF)
A value of 1MΩ is recommended for R1 to minimize the
quiescent current when the part is off. Then, R2 can be solved
using the above equation. A feed-forward capacitor, C
FF,
ranging from 5pF to 100pF can be used in parallel with R1 to
reduce the peak-to-peak output voltage ripple, which is
shown in Figures 4 and 5.


Similar Part No. - MIC2145_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2145BML MICREL-MIC2145BML Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
MIC2145BMM MICREL-MIC2145BMM Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results

Similar Description - MIC2145_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
uPI Group Inc.
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
   High Efficiency Synchronous Rectifier Boost Converter
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
   High Efficiency Synchronous Rectifier Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com