Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2287 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2287
Description  1.2MHz PWM White LED Driver with OVP in 2mm2mm MLF??and Thin SOT-23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2287_05 Datasheet HTML 2Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 3Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 4Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 5Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 6Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 7Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 8Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 9Page - Micrel Semiconductor MIC2287_05 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC2287
Micrel, Inc.
M9999-070105
6
July 2005
External Component Selection
The MIC2287 can be used across a wide rage of applications.
The table below shows recommended inductor and output
capacitor values for various series-LED applications.
Series LEDs
L
Manufacturer
Min COUT
Manufacturer
2
22µH
LQH32CN220K21 (Murata)
2.2µF
0805ZD225KAT(AVX)
NLC453232T-220K(TDK)
GRM40X5R225K10(Murata)
15µH
LQH32CN150K21 (Murata)
1µF
0805ZD105KAT(AVX)
NLC453232T-150K(TDK)
GRM40X5R105K10(Murata)
10µH
LQH32CN100K21 (Murata)
0.22µF
0805ZD224KAT(AVX)
NLC453232T-100K(TDK)
GRM40X5R224K10(Murata)
6.8µH
LQH32CN6R8K21 (Murata)
0.22µF
0805ZD225KAT(AVX)
NLC453232T-6R8K(TDK)
GRM40X5R225K10(Murata)
4.7µH
LQH32CN4R7K21 (Murata)
0.22µF
0805ZD224KAT(AVX)
NLC453232T-4R7K(TDK)
GRM40X5R224K10(Murata)
3
22µH
LQH43MN220K21 (Murata)
2.2µF
0805YD225MAT(AVX)
NLC453232T-220K(TDK)
GRM40X5R225K16(Murata)
15µH
LQH43MN 150K21 (Murata)
1µF
0805YD105MAT(AVX)
NLC453232T-150K(TDK)
GRM40X5R105K16(Murata)
10µH
LQH43MN 100K21 (Murata)
0.22µF
0805YD224MAT(AVX)
NLC453232T-100K(TDK)
GRM40X5R224K16(Murata)
6.8µH
LQH43MN 6R8K21 (Murata)
0.22µF
0805YD224MAT(AVX)
NLC453232T-6R8K(TDK)
GRM40X5R224K16(Murata)
4.7µH
LQH43MN 4R7K21 (Murata)
0.27µF
0805YD274MAT(AVX)
NLC453232T-4R7K(TDK)
GRM40X5R224K16(Murata)
4
22µH
LQH43MN220K21 (Murata)
1µF
0805YD105MAT(AVX)
NLC453232T-220K(TDK)
GRM40X5R105K25(Murata)
15µH
LQH43MN 150K21 (Murata)
1µF
0805YD105MAT(AVX)
NLC453232T-150K(TDK)
GRM40X5R105K25(Murata)
10µH
LQH43MN 100K21 (Murata)
0.27µF
0805YD274MAT(AVX)
NLC453232T-100K(TDK)
GRM40X5R274K25(Murata)
6.8µH
LQH43MN 6R8K21 (Murata)
0.27µF
0805YD274MAT(AVX)
NLC453232T-6R8K(TDK)
GRM40X5R274K25(Murata)
4.7µH
LQH43MN 4R7K21 (Murata)
0.27µF
0805YD274MAT(AVX)
NLC453232T-4R7K(TDK)
GRM40X5R274K25(Murata)
5, 6
22µH
LQH43MN220K21 (Murata)
0.22µF
08053D224MAT(AVX)
NLC453232T-220K(TDK)
GRM40X5R224K25(Murata)
15µH
LQH43MN 150K21 (Murata)
0.22µF
08053D224MAT(AVX)
NLC453232T-150K(TDK)
GRM40X5R224K25(Murata)
10µH
LQH43MN 100K21 (Murata)
0.27µF
08053D274MAT(AVX)
NLC453232T-100K(TDK)
GRM40X5R274K25(Murata)
6.8µH
LQH43MN 6R8K21 (Murata)
0.27µF
08053D274MAT(AVX)
NLC453232T-6R8K(TDK)
GRM40X5R274K25(Murata)
4.7µH
LQH43MN 4R7K21 (Murata)
0.27µF
08053D274MAT(AVX)
NLC453232T-4R7K(TDK)
GRM40X5R274K25(Murata)
7, 8
22µH
LQH43MN220K21 (Murata)
0.22µF
08053D224MAT(AVX)
NLC453232T-220K(TDK)
GRM40X5R224K25(Murata)
15µH
LQH43MN 150K21 (Murata)
0.22µF
08053D224MAT(AVX)
NLC453232T-150K(TDK)
GRM40X5R224K25(Murata)
10µH
LQH43MN 100K21 (Murata)
0.27µF
08053D274MAT(AVX)
NLC453232T-100K(TDK)
GRM40X5R274K25(Murata)
6.8µH
LQH43MN 6R8K21 (Murata)
0.27µF
08053D274MAT(AVX)
NLC453232T-6R8K(TDK)
GRM40X5R274K25(Murata)
4.7µH
LQH43MN 4R7K21 (Murata)
0.27µF
08053D274MAT(AVX)
NLC453232T-4R7K(TDK)
GRM40X5R274K25(Murata)


Similar Part No. - MIC2287_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287-15BML MICREL-MIC2287-15BML Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287-15YML MICREL-MIC2287-15YML Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287-24BML MICREL-MIC2287-24BML Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287-24YML MICREL-MIC2287-24YML Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287-34BML MICREL-MIC2287-34BML Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results

Similar Description - MIC2287_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
   1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com