Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2287-15BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2287-15BML
Description  1.2MHz PWM White LED Driver with OVP in 2mm2mm MLF??and Thin SOT-23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287-15BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2287-15BML Datasheet HTML 2Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 3Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 4Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 5Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 6Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 7Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 8Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 9Page - Micrel Semiconductor MIC2287-15BML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
July 2005
7
M9999-070105
MIC2287
Micrel, Inc.
Dimming Control
There are two techniques for dimming control. One is PWM
dimming, and the other is continuous dimming.
1. PWM dimming control is implemented by applying
a PWM signal on EN pin as shown in Figure 1. The
MIC2287 is turned on and off by the PWM signal.
Withthismethod,theLEDsoperatewitheitherzero
orfullcurrent.TheaverageLEDcurrentisincreased
proportionally to the duty-cycle of the PWM signal.
This technique has high-efficiency because the IC
and the LEDs consume no current during the off
cycle of the PWM signal. Typical PWM frequency
should be between 100Hz and 10kHz.
2. Continuous dimming control is implemented by
applying a DC control voltage to the FB pin of the
MIC2287 through a series resistor as shown in
Figure 2. The LED intensity (current) can be dy-
namically varied applying a DC voltage to the FB
pin. The DC voltage can come from a DAC signal,
or a filtered PWM signal. The advantage of this ap-
proach is a high frequency PWM signal (>10kHz)
that can be used to control LED intensity.
PWM
VIN
EN
SW
FB
GND
VIN
Figure 1. PWM Dimming Method
VIN
EN
SW
FB
5.11k
49.9k
GND
DC
VIN
Equivalent
Figure 2. Continuous Dimming
Open-Circuit Protection
If the LEDs are disconnected from the circuit, or in case
an LED fails open, the sense resistor will pull the FB pin to
ground. This will cause the MIC2287 to switch with a high
duty-cycle, resulting in output overvoltage. This may cause
the SW pin voltage to exceed its maximum voltage rating,
possibly damaging the IC and the external components. To
ensure the highest level of protection, the MIC2287 has 3
product options in the 8-lead 2mm × 2mm MLF™ with over-
voltage protection (OVP). The extra pins of the 8-lead 2mm
×
2mm MLF™ package allow a dedicated OVP monitor with
options for 15V, 24V, or 34V (see Figure 3). The reason for
the three OVP levels is to let users choose the suitable level
of OVPfor their application. For example, a 3-LED application
would typically see an output voltage of no more than 12V, so
a 15V OVP option would offer a suitable level of protection.
This allows the user to select the output diode and capacitor
with the lowest voltage ratings, as well as smallest size and
lowest cost. The OVP will clamp the output voltage to within
the specified limits. For the Thin SOT-23-5 package, an OVP
pin is not available.An external zener diode can be connected
from the output of the converter to FB pin as shown in Figure
4. to implement similar protection.
VIN
EN
GND
SW
FB
OVP
VIN
Figure 3. MLF™ Package OVP Circuit
VIN
EN
SW
FB
GND
VIN
5.11k
Figure 4. Thin SOT-23 Package OVP Circuit
Start-Up and Inrush Current
During start-up, inrush current of approximately double the
nominal current flows to set up the inductor current and the
voltage on the output capacitor. If the inrush current needs
to be limited, a soft-start circuit similar to Figure 5 could be
implemented. The soft-start capacitor, CSS, provides over-
drive to the FB pin at start-up, resulting in gradual increase
of switch duty cycle and limited inrush current.
VIN
EN
SW
FB
CSS
2200pF
R
10k
GND
VIN
Figure 5. Soft-Start Circuit


Similar Part No. - MIC2287-15BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287-15BML MICREL-MIC2287-15BML Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results

Similar Description - MIC2287-15BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
   1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com