Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2289C-34BD6 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2289C-34BD6
Description  White LED Driver Internal Schottky Diode and OVP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289C-34BD6 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2289C-34BD6 Datasheet HTML 1Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 2Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 3Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 4Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 5Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 6Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 7Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 8Page - Micrel Semiconductor MIC2289C-34BD6 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc.
MIC2289C
August 2007
5
M9999-081507-B
Functional Diagram
GND
VREF
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OUT
VIN
95mV
gm
OVP
S
MIC2289C Block Diagram
Functional Description
The MIC2289C is a constant frequency, PWM current
mode boost regulator. The block diagram is shown
above. The MIC2289C is composed of an oscillator,
slope compensation ramp generator, current amplifier,
gm error amplifier, PWM generator, 500mA bipolar
output transistor, and Schottky rectifier diode. The
oscillator generates a 1.2MHz clock. The clock’s two
functions are to trigger the PWM generator that turns on
the
output
transistor
and
to
reset
the
slope
compensation ramp generator. The current amplifier is
used to measure the switch current by amplifying the
voltage signal from the internal sense resistor. The
output of the current amplifier is summed with the output
of the slope compensation ramp generator. This
summed current-loop signal is fed to one of the inputs of
the PWM generator.
The gm error amplifier measures the LED current
through the external sense resistor and amplifies the
error between the detected signal and the 95mV
reference voltage. The output of the gm error amplifier
provides the voltage-loop signal that is fed to the other
input of the PWM generator. When the current-loop
signal exceeds the voltage-loop signal, the PWM
generator turns off the bipolar output transistor. The next
clock
period
initiates
the
next
switching
cycle,
maintaining the constant frequency current-mode PWM
control. The LED is set by the feedback resistor:
FB
LED
R
95mW
I
=
The Enable pin shuts down the output switching and
disables control circuitry to reduce input current-to-
leakage levels. Enable pin input current is zero at zero
volts.


Similar Part No. - MIC2289C-34BD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C-34BD6 MICREL-MIC2289C-34BD6 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
More results

Similar Description - MIC2289C-34BD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_05 Datasheet
377Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
   BOOST WHITE LED DRIVER WITH OVP
logo
Micrel Semiconductor
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com