Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6161FP32AW12L Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM6161FP32AW12L
Description  256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6161FP32AW12L Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM6161FP32AW12L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6161FP32AW12L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM640FU16E Series
Low Power, 256Kx16 SRAM
3
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
ABSOLUTE MAXIMUM RATINGS *
* Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to Vcc+0.3 (Max. 4.0V)
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0V
V
Power Dissipation
P
D
1.0
W
Operating Temperature
T
A
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note: X means don’t care. (Must be low or high state)
CS
1
CS
2
OE
WE
LB
UB
I/O
1-8
I/O
9-16
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
L
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
H
L
H
L
L
Data Out
Data Out
Word Read
Active
L
H
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
H
X
L
L
L
Data In
Data In
Word Write
Active


Similar Part No. - EM6161FP32AW12L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6161FP16AS-45LF EMLSI-EM6161FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AS-45LL EMLSI-EM6161FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AS-70LF EMLSI-EM6161FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AS-70LL EMLSI-EM6161FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6161FP16AW-45LF EMLSI-EM6161FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6161FP32AW12L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FP16 EMLSI-EM640FP16 Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F1616T6B SAMSUNG-K6F1616T6B Datasheet
199Kb / 10P
   1M x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com