Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4103YM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4103YM
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103YM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4103YM Datasheet HTML 1Page - Micrel Semiconductor MIC4103YM Datasheet HTML 2Page - Micrel Semiconductor MIC4103YM Datasheet HTML 3Page - Micrel Semiconductor MIC4103YM Datasheet HTML 4Page - Micrel Semiconductor MIC4103YM Datasheet HTML 5Page - Micrel Semiconductor MIC4103YM Datasheet HTML 6Page - Micrel Semiconductor MIC4103YM Datasheet HTML 7Page - Micrel Semiconductor MIC4103YM Datasheet HTML 8Page - Micrel Semiconductor MIC4103YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel
MIC4103/4104
October 2007
5
M9999-100107-B
Symbol
Parameter
Condition
Min
Typ
Max
Units
Switching Specifications (cont.)
tR
Output Rise Time (3V to 9V)
CL = 0.1µF
0.4
0.6
0.8
µs
tF
Output Fall Time (3V to 9V)
CL = 0.1µF
0.2
0.3
0.4
µs
tPW
Minimum Input Pulse Width that
Changes the Output
Note 6
50
ns
tBS
Bootstrap Diode Turn-On or
Turn-Off Time
10
ns
Notes
:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
4. Specification for packaged product only.
5. All voltages relative to pin 7, VSS unless otherwise specified
6. Guaranteed by design. Not production tested.


Similar Part No. - MIC4103YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4103YM MICREL-MIC4103YM Datasheet
718Kb / 18P
   100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
More results

Similar Description - MIC4103YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103_10 Datasheet
718Kb / 18P
   100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380 Datasheet
407Kb / 12P
   Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Micrel Semiconductor
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
   Outputs Capable of Sourcing and Sinking 2A
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
   Current sinking or current sourcing ouput
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com