Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB16NF06L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB16NF06L
Description  N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06L Datasheet(HTML) 3 Page - STMicroelectronics

  STB16NF06L Datasheet HTML 1Page - STMicroelectronics STB16NF06L Datasheet HTML 2Page - STMicroelectronics STB16NF06L Datasheet HTML 3Page - STMicroelectronics STB16NF06L Datasheet HTML 4Page - STMicroelectronics STB16NF06L Datasheet HTML 5Page - STMicroelectronics STB16NF06L Datasheet HTML 6Page - STMicroelectronics STB16NF06L Datasheet HTML 7Page - STMicroelectronics STB16NF06L Datasheet HTML 8Page - STMicroelectronics STB16NF06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STB16NF06L
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 30 V
ID = 8 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 3)
10
37
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 48 V ID = 16 A VGS= 5V
7.3
2.1
3.1
10
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 30 V
ID = 8 A
RG = 4.7Ω,
VGS = 4.5 V
(Resistive Load, Figure 3)
20
12.5
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
16
64
A
A
VSD (*)
Forward On Voltage
ISD = 16 A
VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 16 A
di/dt = 100A/µs
VDD = 16 V
Tj = 150°C
(see test circuit, Figure 5)
50
67.5
2.7
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)
Safe Operating Area
Thermal Impedance


Similar Part No. - STB16NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
logo
VBsemi Electronics Co.,...
STB16NF06L VBSEMI-STB16NF06L Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
More results

Similar Description - STB16NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
   P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
STB20NE06 STMICROELECTRONICS-STB20NE06 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.06ohm - 20A D2PAK STripFET] POWER MOSFET
June 1999
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
   N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com