Electronic Components Datasheet Search |
|
MIC4421 Datasheet(PDF) 7 Page - Micrel Semiconductor |
|
MIC4421 Datasheet(HTML) 7 Page - Micrel Semiconductor |
7 / 12 page MIC4421/4422 Micrel, Inc. August 2005 7 M9999-081005 Applications Information Supply Bypassing Charging and discharging large capacitive loads quickly requires large currents. For example, charging a 10,000pF load to 18V in 50ns requires 3.6A. The MIC4421/4422 has double bonding on the supply pins, the ground pins and output pins. This reduces parasitic lead inductance. Low inductance enables large currents to be switched rapidly. It also reduces internal ringing that can cause voltage breakdown when the driver is operated at or near the maximum rated voltage. Internal ringing can also cause output oscillation due to feedback. This feedback is added to the input signal since it is referenced to the same ground. Figure 3. Direct Motor Drive Figure 4. Self Contained Voltage Doubler 30 29 28 27 26 25 0 50 100 150 200 250 300 350 mA 12 Ω LINE OUTPUT VOLTAGE vs LOAD CURRENT DRIVE LOGIC Ø1DRIVE SIGNAL CONDUCTION ANGLE CONTROL 0° TO 180° CONDUCTION ANGLE CONTROL 180° TO 360° MIC4451 VS 1µF VS MIC4452 VS 1µF VS Ø1 M Ø3 Ø2 PHASE 1 of 3 PHASE MOTOR DRIVER USING MIC4420/4429 MIC4421 1µF 50V MKS2 UNITED CHEMCON SXE 0.1µF WIMA MKS2 1 8 6, 7 5 4 0.1µF 50V 5.6 kΩ 560 Ω +15 560µF 50V BYV 10 (x 2) 100µF 50V (x2) 1N4448 2 + + + To guarantee low supply impedance over a wide frequency range, a parallel capacitor combination is recommended for supply bypassing. Low inductance ceramic disk capacitors with short lead lengths (< 0.5 inch) should be used. A 1µF low ESR film capacitor in parallel with two 0.1µF low ESR ceramic capacitors, (such as AVX RAM Guard®), provides adequate bypassing. Connect one ceramic capacitor directly between pins 1 and 4. Connect the second ceramic capacitor directly between pins 8 and 5. Grounding The high current capability of the MIC4421/4422 demands careful PC board layout for best performance. Since the MIC4421 is an inverting driver, any ground lead impedance willappearasnegativefeedbackwhichcandegradeswitching speed. Feedback is especially noticeable with slow-rise time inputs. The MIC4421 input structure includes about 200mV of hysteresis to ensure clean transitions and freedom from oscillation, but attention to layout is still recommended. Figure 5 shows the feedback effect in detail. As the MIC4421 input begins to go positive, the output goes negative and several amperes of current flow in the ground lead. As little as 0.05Ω of PC trace resistance can produce hundreds of millivolts at the MIC4421 ground pins. If the driving logic is referenced to power ground, the effective logic input level is reduced and oscillation may result. To insure optimum performance, separate ground traces should be provided for the logic and power connections. Con- necting the logic ground directly to the MIC4421 GND pins will ensure full logic drive to the input and ensure fast output switching. Both of the MIC4421 GND pins should, however, still be connected to power ground. |
Similar Part No. - MIC4421 |
|
Similar Description - MIC4421 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |