Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM643FV8AS-45LF Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM643FV8AS-45LF
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM643FV8AS-45LF Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM643FV8AS-45LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-45LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM641FV8FT Series
Low Power, 512Kx8 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization : 512K x 8 bit
• Power Supply Voltage : 2.7V ~ 3.6V
• Low Data Retention Voltage : 1.5V(Min)
• Three state output and TTL Compatible
• Package Type : 32-TSOP1
GENERAL DESCRIPTION
The EM641FV8FT families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc
Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ)
Operating
(ICC1.Max)
EM641FV8FT
Industrial (-40 ~ 85
oC)
2.7V~3.6V
55
1) / 70ns
1
µA2)
3 mA
32- TSOP1
Name
Function
Name
Function
CS
Chip select inputs
WE
Write Enable input
OE
Output Enable input
Vcc
Power Supply
A0~A18
Address Inputs
Vss
Ground
I/O1~I/O 8 Data Inputs/outputs
NC
No Connection
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
2048 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A11 A12 A13 A14 A15 A16
A18
WE
OE
CS
I/O1 ~ I/O4
I/O5 ~ I/O8
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
1. The parameter is measured with 30pF test load.
A10
A17
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
A17
A15
VCC
A18
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS
IO8
IO7
IO6
IO5
IO4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32 - TSOP
Type1 - Forward
2. Typical values are measured at Vcc=3.3V, T A=25
o C and not 100% tested.


Similar Part No. - EM643FV8AS-45LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM643FV8AS-70LF EMLSI-EM643FV8AS-70LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM643FV8AS-70LL EMLSI-EM643FV8AS-70LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM643FV8AS-85LF EMLSI-EM643FV8AS-85LF Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM643FV8AS-85LL EMLSI-EM643FV8AS-85LL Datasheet
362Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM643FV8AS-45LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM620FV8AT EMLSI-EM620FV8AT Datasheet
188Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8AS EMLSI-EM620FV8AS Datasheet
67Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM680FU8 EMLSI-EM680FU8 Datasheet
70Kb / 11P
   1M x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com