Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5018 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5018
Description  IttyBitty??High-Side MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5018 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5018 Datasheet HTML 1Page - Micrel Semiconductor MIC5018 Datasheet HTML 2Page - Micrel Semiconductor MIC5018 Datasheet HTML 3Page - Micrel Semiconductor MIC5018 Datasheet HTML 4Page - Micrel Semiconductor MIC5018 Datasheet HTML 5Page - Micrel Semiconductor MIC5018 Datasheet HTML 6Page - Micrel Semiconductor MIC5018 Datasheet HTML 7Page - Micrel Semiconductor MIC5018 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micrel, Inc.
MIC5018
April 2006
5
M9999-042406
(408) 955-1690
Functional Diagram
CHA RG E
PUMP
EN
VS
CTL
R2
15k
R1 2k
GND
G
MIC5018
+2.7V to +9V
On
Off
I1
20µA
D1
16V
D2
35V
Q1
Q2
Q3
D3 16V
Functional Diagram with External Components
(High-Side Driver Configuration)
Functional Description
Refer to the functional diagram.
The MIC5018 is a noninverting device. Applying a logic
high signal to CTL (control input) produces gate drive
output. The G (gate) output is used to turn on an
external N-channel MOSFET.
Supply
VS (supply) is rated for +2.7V to +9V. An external
capacitor is recommended to decouple noise.
Control
CTL (control) is a TTL compatible input. CTL must be
forced high or low by an external signal. A floating input
may cause unpredictable operation.
A high input turns on Q2, which sinks the output of
current source I1, making the input of the first inverter
low. The inverter output becomes high enabling the
charge pump.
Charge Pump
The charge pump is enabled when CTL is logic high.
The charge pump consists of an oscillator and voltage
quadrupler (4×). Output voltage is limited to 16V by a
zener diode. The charge pump output voltage will be
approximately:
VG = 4 × VSUPPLY – 2.8V, but not exceeding 16V
The oscillator operates from approximately 70kHz to
approximately 100kHz depending upon the supply
voltage and temperature.
Gate Output
The charge pump output is connected directly to the G
(gate) output. The charge pump is active only when CTL
is high. When CTL is low, Q3 is turned on by the second
inverter and discharges the gate of the external
MOSFET to force it off.
If CTL is high, and the voltage applied to VS drops to
zero, the gate output will be floating (unpredictable).
ESD Protection
D1 and D2 clamp positive and negative ESD voltages.
R1 isolates the gate of Q2 from sudden changes on the
CTL input. Q1 turns on if the emitter (CTL input) is
forced below ground to provide additional input
protection. Zener D3 also clamps ESD voltages for the
gate (G) output.


Similar Part No. - MIC5018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
   IttyBitty??High-Side MOSFET Driver Preliminary Information
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
   High-Side MOSFET Driver
09/14/21
logo
Micrel Semiconductor
MIC5018BM4 MICREL-MIC5018BM4 Datasheet
58Kb / 7P
   IttyBitty??High-Side MOSFET Driver Preliminary Information
logo
Microchip Technology
MIC5018YM4-TR MICROCHIP-MIC5018YM4-TR Datasheet
2Mb / 20P
   High-Side MOSFET Driver
09/14/21
More results

Similar Description - MIC5018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4416 MIC-MIC4416_11 Datasheet
122Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
   IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC2514 MICREL-MIC2514_08 Datasheet
177Kb / 6P
   IttyBitty Integrated High-Side Switch
MIC2514 MICREL-MIC2514 Datasheet
44Kb / 5P
   IttyBitty??Integrated High-Side Switch Preliminary Information
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
   High-Side MOSFET Driver
09/14/21
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
   TRIPLE HIGH-SIDE MOSFET DRIVER
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
   Protected High Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com