Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC9131 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC9131
Description  High-Voltage, High-Speed Telecom
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9131 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC9131_06 Datasheet HTML 7Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 8Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 9Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 10Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 11Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 12Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 13Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 14Page - Micrel Semiconductor MIC9131_06 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
August 2006
11
M9999-080206
MIC9131
Micrel, Inc.
VCC Undervoltage Lockout
The VCC voltage is internally divided down and compared to
a 1.21V internal bandgap reference. As VCC rises above the
turn-on threshold, it disables the VCC undervoltage lockout
circuit.Onceabovetheturn-onthreshold,hysteresisprevents
the lockout circuit from disabling the IC until the VCC voltage
falls below the lower threshold.
Line Undervoltage Circuit (UVLO)
The line voltage is monitored by an external resistor divider
and fed into the negative input of the line UVLO comparator.
As the comparator trip point is exceeded, the line UVLO circuit
is disabled. Hysteresis built into the comparator prevents the
circuit from toggling on an off in the presence of noise or a
high input line impedance.
The line voltage turn-on trip point is:
V
V
R2
R1 R2
LINE_ON
THRESHOLD
=
×
+
where: VTHRESHOLD is the voltage level of the internal
comparator reference, typically 1.21V.
The line hysteresis is equal to:
V
V
R1 R2
R2
HYSTERESIS
HYST
=
×
+
where: VHYST is the internal hysteresis level, typically
75mV.
VHYSTERESIS is the hysteresis of the line input
voltage
The MIC9131 will be disabled when the line voltage drops
back down to:
V
V
V
V
V
R2
R1 R2
LINE_OFF
LINE_ON
HYTERESIS
THRESHOLD
HYST
=
=
(
)×
+
Enable
A low level on the enable pin turns off all the functions of the
MIC9131 and places it in a low quiescent current state. The
output driver is in a low state. When the enable pin is pulled
high, the MIC9131 goes through its normal start up sequence
including undervoltage lock out and soft start. When not used,
the pin should be connected to VCC.
Oscillator Block
An external resistor and capacitor set the oscillator frequency.
The MIC9131 contains an internal divide-by-four circuit that
limits the maximum duty cycle at the gate drive to 75%. The
oscillator frequency of the MIC9131 is four times the output
switching frequency.
Oscillator Pin
The operation of the oscillator is shown in Figure 5. The volt-
age waveform at the OSC pin is a sawtooth whose amplitude
increases as capacitor Cosc is charged up through ROSCfrom
the 5VBIAS. When the OSC pin voltage reaches the internal
comparator upper threshold, COSC is quickly discharged to
zero volts by an internal MOSFET. After a brief delay, typi-
cally 75ns, the internal MOSFET is turned off and the COSC
charges, repeating the cycle. Figure 5 show the relationship
between the oscillator and gate drive waveforms. The delays
in the IC force the duty cycle of the gate drive signal to be
slightly less than 75% duty cycle.
For VBIAS = 5V and a peak oscillator waveform voltage of
3V, the design equations simplify to:
Charging
tCHARGE
t
t
R
C
=
×
×
0 92
.
Discharging
t
C
DISCHARGE
t
×
40
MIC9131
S
SET
RESET
R
Q
/Q
LINE
UVLO
VCC
UVLO
VCC
AGND
VIN
UVLO
UVLO
R1
1.21V
R2
2
11
13
PGND
15
OUT
16
SS
4µA
5V
12
Figure 4: UVLO and Soft Start Circuits


Similar Part No. - MIC9131_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9131BM MICREL-MIC9131BM Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131BQS MICREL-MIC9131BQS Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
More results

Similar Description - MIC9131_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131 Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
   High Speed High Voltage Switching
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
   High Voltage, High Speed Switching
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
   High-voltage high-speed switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com