Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97SD3248 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 97SD3248
Description  1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

97SD3248 Datasheet(HTML) 1 Page - Maxwell Technologies

  97SD3248 Datasheet HTML 1Page - Maxwell Technologies 97SD3248 Datasheet HTML 2Page - Maxwell Technologies 97SD3248 Datasheet HTML 3Page - Maxwell Technologies 97SD3248 Datasheet HTML 4Page - Maxwell Technologies 97SD3248 Datasheet HTML 5Page - Maxwell Technologies 97SD3248 Datasheet HTML 6Page - Maxwell Technologies 97SD3248 Datasheet HTML 7Page - Maxwell Technologies 97SD3248 Datasheet HTML 8Page - Maxwell Technologies 97SD3248 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
1.5Gb SDRAM
8-Meg X 48-Bit X 4-Banks
©2006 Maxwell Technologies
All rights reserved.
97SD3248
05.10.06 Rev 4
FEATURES:
• 1.5 Giggabit ( 8-Meg X 48-Bit X 4-Banks)
• RAD-PAK® radiation-hardened against natural space
radiation
• Total Dose Hardness:
>100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
SEL
TH > 85 MeV/mg/cm2 @ 25° C
• JEDEC Standard 3.3V Power Supply
• Clock Frequency: 100 MHz Operation
• Operating tremperature: -55 to +125 °C
• Auto Refresh
• Single pulsed RAS
• 2 Burst Sequence variations
Sequential (BL =1/2/4/8)
Interleave (BL = 1/2/4/8)
• Programmable CAS latency: 2/3
• Power Down and Clock Suspend Modes
• LVTTL Compatible Inputs and Outputs
• Package: 132 Lead Quad Stack Pack Flat Package
DESCRIPTION:
Maxwell Technologies’ Synchronous Dynamic Random
Access Memory (SDRAM) is ideally suited for space
applications requiring high performance computing and
high density memory storage. As microprocessors
increase in speed and demand for higher density mem-
ory escalates, SDRAM has proven to be the ultimate
solution by providing bit-counts up to 1.5 Gigabits and
speeds up to 100 Megahertz. SDRAMs represent a sig-
nificant advantage in memory technology over traditional
DRAMs including the ability to burst data synchronously
at high rates with automatic column-address generation,
the ability to interleave between banks masking pre-
charge time
Maxwell Technologies’ patented RAD-PAK
® packaging
technology incorporates radiation shielding in the micro-
circuit package. It eliminates the need for box shielding
for a lifetime in orbit or space mission. In a typical GEO
orbit, RAD-PAK
® provides greater than 100 krads(Si)
radiation dose tolerance. This product is available with
screening up to Maxwell Technologies self-defined Class
K.
Logic Diagram (One Amplifier)


Similar Part No. - 97SD3248

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
97SD3248 MAXWELL-97SD3248 Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3248RPQE MAXWELL-97SD3248RPQE Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3248RPQH MAXWELL-97SD3248RPQH Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3248RPQI MAXWELL-97SD3248RPQI Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3248RPQK MAXWELL-97SD3248RPQK Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
More results

Similar Description - 97SD3248

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
97SD3248 MAXWELL-97SD3248 Datasheet
584Kb / 40P
   1.5Gb SDRAM 8-Meg X 48-Bit X 4-Banks
97SD3240 MAXWELL-97SD3240 Datasheet
760Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
97SD3240 MAXWELL-97SD3240_06 Datasheet
738Kb / 39P
   1.25Gb SDRAM 8-Meg X 40-Bit X 4-Banks
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
   256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
logo
Micron Technology
MT48LC16M16A2P-75DTR MICRON-MT48LC16M16A2P-75DTR Datasheet
3Mb / 86P
   SDR SDRAM MT48LC64M4A2 ??16 Meg x 4 x 4 banks MT48LC32M8A2 ??8 Meg x 8 x 4 banks MT48LC16M16A2 ??4 Meg x 16 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT48LC32M16A2P-75ITC MICRON-MT48LC32M16A2P-75ITC Datasheet
3Mb / 77P
   SDR SDRAM MT48LC128M4A2 ??32 Meg x 4 x 4 banks MT48LC64M8A2 ??16 Meg x 8 x 4 banks MT48LC32M16A2 ??8 Meg x 16 x 4 banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
logo
Maxwell Technologies
97SD3232 MAXWELL-97SD3232 Datasheet
764Kb / 39P
   1 Gb SDRAM 8-Meg X 32 Bit X 4-Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com