Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM641FT16FV-55LL Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM641FT16FV-55LL
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM641FT16FV-55LL Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM641FT16FV-55LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM641FT16FV-55LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM641FT8V Series
Low Power, 512Kx8 SRAM
2
FEATURES
- Very high speed : 45ns
- Process Technology : 0.15um Full CMOS
- Organization : 512K x8
- Power Supply Voltage
=> EM641FT8V : 4.5V~5.5V
- Low Data Retention Voltage : 1.5V (MIN)
- Three state output and TTL Compatible
- Packaged product designed for 45/55/70ns
-
Package Type: 32L-SOP
EM641FT8V
512K x8 Bit Low Power CMOS Static RAM
1
I/O Circuit
Column Select
Data
Cont
Pre-charge Circuit
Memory Array
512K x 8
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A13 A14 A15 A16 A17
WE
OE
CS
I/O0 ~ I/O7
VCC
VSS
Control Logic
A18
GENERAL DESCRIPTION
The EM641FT8V is fabricated by EMLSI’s advanced full
CMOS process technology. The families support industrial
temperature range and Chip Scale Package for user flexi-
bility of system design. The families also supports low data
retention voltage for battery back-up operation with low
data retention current.
The EM641FT8V is available in KGD, JEDEC standard 32
pin 450mil Plastic SOP package.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max)
EM641FT8V-45LF
Industrial (-40 ~ 85oC)
4.5V~5.5V
45ns
1.5
µA
7mA
32-SOP
EM641FT8V-55LF
Industrial (-40 ~ 85oC)
4.5V~5.5V
55ns
1.5
µA
7mA
32-SOP
EM641FT8V-70LF
Industrial (-40 ~ 85oC)
4.5V~5.5V
70ns
1.5
µA
7mA
32-SOP
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
Name
Function
Name
Function
CS
Chip select input
VCC
Power Supply
OE
Output Enable input
VSS
Ground
WE
Write Enable input
A0~A18
Address Inputs
I/O0~I/O7
Data Inputs/Outputs
2
3
4
5
6
7
8
A18
A16
9
10
11
12
13
14
15
16
A14
A12
A7
A5
I/O0
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A17
A15
WE
A13
A8
A9
A11
A10
CS
I/O7
OE
A6
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
A10
A12
A11


Similar Part No. - EM641FT16FV-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT16FV-12LF EMLSI-EM641FT16FV-12LF Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT16FV-12S EMLSI-EM641FT16FV-12S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT16FV-45LF EMLSI-EM641FT16FV-45LF Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT16FV-45S EMLSI-EM641FT16FV-45S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results

Similar Description - EM641FT16FV-55LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com