Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM622FS8GT-70LF Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # EM622FS8GT-70LF
Description  512K x8 bit Low Power Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM622FS8GT-70LF Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  EM622FS8GT-70LF Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM622FS8GT-70LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EM641FT8
Low Power, 512Kx8 SRAM
5
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0V to VCC
Input Rise and Fall Time : 1V/ns
Input and Output reference Voltage : 0.5VCC
Output Load (See right) : CL1) = 100pF + 1 TTL (70ns)
CL1) = 30pF + 1 TTL (45ns/55ns)
Notes :
1. Including scope and Jig capacitance
2. R1 = 1800 ohm,
R2 = 990 ohm
3. VTM = VCC
4. CL = 5pF + 1 TTL (measurement with tLZ, tOLZ, tHZ, tOHZ, tWHZ)
CL1)
VTM3)
R12)
R22)
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
45
-
55
-
70
-
ns
Address access time
tAA
-
45
-
55
-
70
ns
Chip select to output
tCO
-
45
-
55
-
70
ns
Output enable to valid output
tOE
-
25
-
30
-
35
ns
Chip select to low-Z output
tLZ
10
-
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
20
0
20
0
25
ns
Output disable to high-Z output
tOHZ
0
15
0
20
0
25
ns
Output hold from address change
tOH
10
-
10
-
10
-
ns
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
45
-
55
-
70
-
ns
Chip select to end of write
tCW
45
-
45
-
60
-
ns
Address setup time
tAS
0
-
0
-
0
-
ns
Address valid to end of write
tAW
45
-
45
-
60
-
ns
Write pulse width
tWP
35
-
40
-
50
-
ns
Write recovery time
tWR
0
-
0
-
0
-
ns
Write to ouput high-Z
tWHZ
0
15
0
20
0
20
ns
Data to write time overlap
tDW
25
25
30
ns
Data hold from write time
tDH
0
-
0
-
0
-
ns
End of write to output low-Z
tOW
5
-
5
-
5
-
ns
READ CYCLE (Vcc = 4.5V to 5.5V, GND = 0V, TA = -40oC to +85oC)
WRITE CYCLE (Vcc = 4.5V to 5.5V, GND = 0V, TA = -40oC to +85oC)
Output


Similar Part No. - EM622FS8GT-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM622FR16ES-45LF EMLSI-EM622FR16ES-45LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16ES-45S EMLSI-EM622FR16ES-45S Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16ES-55LF EMLSI-EM622FR16ES-55LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16ES-55S EMLSI-EM622FR16ES-55S Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM622FR16EU-45LF EMLSI-EM622FR16EU-45LF Datasheet
379Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM622FS8GT-70LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com