Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301R472M6R3ER2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 301R472M6R3ER2
Description  High Capacitance and Ultra-Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

301R472M6R3ER2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  301R472M6R3ER2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R472M6R3ER2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Case Dimensions
Case
Code
Insulated
D ± 0.015 (0.4 mm)
L ± 0.062 (1.6 mm)
D x L
Epoxy
endseal L
Max
Bare Can
D ± 0.015 (0.4 mm)
L ± 0.030 (0.8 mm)
D x L
Lead Spacing
Type 300
Type 301
S1
T
S2
±0.020(0.5 mm) ±0.020(0.5 mm)
Lead Diameter
dia.
AWG
Case Dimensions in Inches
EG
.512 x 0.846
0.906
0.492 x 0.787
0.197
0.098
0.197
0.032
20
EK
.512 x 1.043
1.142
0.492 x 0.984
0.197
0.098
0.197
0.032
20
EM
.512 x 1.102
1.161
0.492 x 1.043
0.197
0.098
0.197
0.032
20
EN
.512 x 1.378
1.417
0.492 x 1.319
0.197
0.098
0.197
0.032
20
ER
.512 x 1.732
1.791
0.492 x 1.673
0.197
0.098
0.197
0.032
20
FK
.650 x 1.043
1.098
0.630 x 0.984
0.295
0.148
0.295
0.032
20
FF
.650 x 1.319
1.417
0.630 x 1.260
0.295
0.148
0.295
0.032
20
FQ
.650 x 1.476
1.575
0.630 x 1.417
0.295
0.148
0.295
0.032
20
FV
.650 x 1.634
1.669
0.630 x 1.575
0.295
0.148
0.295
0.032
20
LQ
.728 x 1.476
1.575
0.709 x 1.417
0.295
0.148
0.295
0.032
20
LV
.728 x 1.634
1.693
0.709 x 1.575
0.295
0.148
0.295
0.032
20
GE
.765 x 1.150
1.212
0.750 x 1.125
0.200
0.300
0.300
0.040
18
GJ
.765 x 1.650
1.712
0.750 x 1.625
0.200
0.300
0.300
0.040
18
GL
.765 x 2.150
2.212
0.750 x 2.125
0.200
0.300
0.300
0.040
18
GP
.765 x 2.650
2.712
0.750 x 2.625
0.200
0.300
0.300
0.040
18
GS
.765 x 3.150
3.212
0.750 x 3.125
0.200
0.300
0.300
0.040
18
GT
.765 x 3.650
3.712
0.750 x 3.625
0.200
0.300
0.300
0.040
18
HE
.890 x 1.150
1.212
0.875 x 1.125
0.300
0.400
0.300
0.040
18
HJ
.890 x 1.650
1.712
0.875 x 1.625
0.300
0.400
0.300
0.040
18
HL
.890 x 2.150
2.212
0.875 x 2.125
0.300
0.400
0.300
0.040
18
HP
.890 x 2.650
2.712
0.875 x 2.625
0.300
0.400
0.300
0.040
18
HS
.890 x 3.150
3.212
0.875 x 3.125
0.300
0.400
0.300
0.040
18
HT
.890 x 3.650
3.712
0.875 x 3.625
0.300
0.400
0.300
0.040
18
JE
1.015 x 1.150
1.212
1.000 x 1.125
0.300
0.400
0.400
0.040
18
JJ
1.015 x 1.650
1.712
1.000 x 1.625
0.300
0.400
0.400
0.040
18
JL
1.015 x 2.150
2.212
1.000 x 2.125
0.300
0.400
0.400
0.040
18
JP
1.015 x 2.650
2.712
1.000 x 2.625
0.300
0.400
0.400
0.040
18
JS
1.015 x 3.150
3.212
1.000 x 3.125
0.300
0.400
0.400
0.040
18
JT
1.015 x 3.650
3.712
1.000 x 3.625
0.300
0.400
0.400
0.040
18
Case Dimensions in Millimeters
EG
13.0 x 21.5
23
12.5 x 20.0
5.00
2.50
5.00
0.81
20
EK
13.0 x 26.5
29.0
12.5 x 25.0
5.00
2.50
5.00
0.81
20
EM
13.0 x 28.0
29.5
12.5 x 26.5
5.00
2.50
5.00
0.81
20
EN
13.0 x 35.0
36.0
12.5 x 33.5
5.00
2.50
5.00
0.81
20
ER
13.0 x 44.0
45.5
12.5 x 42.5
5.00
2.50
5.00
0.81
20
FK
16.5 x 26.5
27.9
16.0 x 25.0
7.50
3.75
7.50
0.81
20
FF
16.5 x 33.5
36.0
16.0 x 32.0
7.50
3.75
7.50
0.81
20
FQ
16.5 x 37.5
40.0
16.0 x 36.0
7.50
3.75
7.50
0.81
20
FV
16.5 x 41.5
42.4
16.0 x 40.0
7.50
3.75
7.50
0.81
20
LQ
18.5 x 37.5
40.0
18.0 x 36.0
7.50
3.75
7.50
0.81
20
LV
18.5 x 41.5
43.0
18.0 x 40.0
7.50
3.75
7.50
0.81
20
GE
19.4 x 29.2
30.8
19.1 x 28.6
5.08
7.62
7.62
1.02
18
GJ
19.4 x 41.9
43.5
19.1 x 41.3
5.08
7.62
7.62
1.02
18
GL
19.4 x 54.6
56.2
19.1 x 54.0
5.08
7.62
7.62
1.02
18
GP
19.4 x 67.3
68.9
19.1 x 66.7
5.08
7.62
7.62
1.02
18
GS
19.4 x 80.0
81.6
19.1 x 79.4
5.08
7.62
7.62
1.02
18
GT
19.4 x 92.7
94.3
19.1 x 92.1
5.08
7.62
7.62
1.02
18
HE
22.6 x 29.2
30.8
22.2 x 28.6
7.62
10.16
7.62
1.02
18
HJ
22.6 x 41.9
43.5
22.2 x 41.3
7.62
10.16
7.62
1.02
18
HL
22.6 x 54.6
56.2
22.2 x 54.0
7.62
10.16
7.62
1.02
18
HP
22.6 x 67.3
68.9
22.2 x 66.7
7.62
10.16
7.62
1.02
18
HS
22.6 x 80.0
81.6
22.2 x 79.4
7.62
10.16
7.62
1.02
18
HT
22.6 x 92.7
94.3
22.2 x 92.1
7.62
10.16
7.62
1.02
18
JE
25.8 x 29.2
30.8
25.4 x 28.6
7.62
10.16
10.16
1.02
18
JJ
25.8 x 41.9
43.5
25.4 x 41.3
7.62
10.16
10.16
1.02
18
HL
25.8 x 54.6
56.2
25.4 x 54.0
7.62
10.16
10.16
1.02
18
JP
25.8 x 67.3
68.9
25.4 x 66.7
7.62
10.16
10.16
1.02
18
JS
25.8 x 80.0
81.6
25.4 x 79.4
7.62
10.16
10.16
1.02
18
JT
25.8 x 92.7
94.3
25.4 x 92.1
7.62
10.16
10.16
1.02
18


Similar Part No. - 301R472M6R3ER2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
301R472M6R3ER2 CDE-301R472M6R3ER2 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
More results

Similar Description - 301R472M6R3ER2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
   Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com