Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM732AFU16AW-85S Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EM732AFU16AW-85S
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM732AFU16AW-85S Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EM732AFU16AW-85S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM732AFU16AW-85S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EM640FP16 Series
Low Power, 256Kx16 SRAM
7
tWR(4)
tWC
Address
CS1
CS2
UB,LB
WE
Data in
Data out
tCW(2)
tAW
tBW
tWP(1)
tAS(3)
High-Z
tDW
tDH
High-Z
tOW
tWHZ
Data Undefined
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
Data Valid
tWC
Address
CS1
CS2
UB,LB
WE
Data in
Data out
tCW(2)
tWR(4)
tAW
tBW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(2) (CS1 CONTROLLED)
tAS(3)
High-Z
High-Z
Data Valid


Similar Part No. - EM732AFU16AW-85S

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201AP EMC-EM73201AP Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201BK EMC-EM73201BK Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201CP EMC-EM73201CP Datasheet
204Kb / 30P
   4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
Emerging Memory & Logic...
EM7320FP16AS-10L EMLSI-EM7320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM732AFU16AW-85S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM641FP16 EMLSI-EM641FP16 Datasheet
72Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM640FV16FW EMLSI-EM640FV16FW Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM646FV16FU EMLSI-EM646FV16FU Datasheet
192Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM643FV16FU EMLSI-EM643FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
   128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com